Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BFC237011334 Datasheet(PDF) 16 Page - Vishay Siliconix

Part No. BFC237011334
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC237011334 Datasheet(HTML) 16 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
92
Revision: 04-Aug-09
4.9
Shock
Mounting:
See section “Mounting” of this specification
Pulse shape: Half sine
Acceleration: 490 m/s²
Duration of pulse: 11 ms
4.9.3
Final measurements
Visual examination
No visible damage
Capacitance
|ΔC/C| ≤ 3 % of the value measured in 4.6.1
Tangent of loss angle
Increase of tan
δ
≤ 0.010 for:
C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.6.1
Insulation resistance
As specified in section “Specific Reference
Data 370” of this specification
SUB-GROUP C1 COMBINED SAMPLE
OF SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.10
Climatic sequence
4.10.2
Dry heat
Temperature:
+ 100 °C for rated voltage 63 V
+ 105 °C for rated voltage > 63 V
Duration: 16 h
4.10.3
Damp heat cyclic
Test Db, first cycle
4.10.4
Cold
Temperature: - 55 °C
Duration: 2 h
4.10.6
Damp heat cyclic
Test Db, remaining cycles
Voltage proof = URdc for 1 min within 15 min
after removal from testchamber
No breakdown of flash-over
4.10.6.2Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|ΔC/C| ≤ 5 % of the value measured in
4.4.2 or 4.9.3
Tangent of loss angle
Increase of tan
δ
≤ 0.010 for:
C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.005 for:
C > 470 nF
Compared to values measured in
4.3.1 or 4.6.1
Insulation resistance
≥ 50 % of values specified in section “Specific
Reference Data 370” of this specification
SUB-GROUP C2
4.11
Damp heat steady state
56 days, 40 °C, 90 % to 95 % RH
4.11.1
Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn