Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51MM256 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MCF51MM256
Description  low-cost, low-power, high-performance ColdFire짰 V1 family of 32-bit microcontrollers (MCUs) designed for handheld metering devices.
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51MM256 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MCF51MM256 Datasheet HTML 44Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 45Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 46Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 47Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 48Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 49Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 50Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 51Page - Freescale Semiconductor, Inc MCF51MM256 Datasheet HTML 52Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Preliminary Electrical Characteristics
Freescale Semiconductor
48
3.18
OPAMP Electrical Parameters
2
Data in Typical column was characterized at 3.0 V, 25°C or is typical recommended value.
Table 29. OPAMP Characteristics 1.8-3.6 V
#
Characteristics1
1
All parameters are measured at 3.3 V, CL =4 7 pF across temperature -40 to + 105°C unless specified.
Symbol
Min
Typ2
2
Data in Typical column was characterized at 3.0 V, 25°C or is typical recommended value.
Max
Unit
C
1
Operating Voltage
VDD
1.8
3.6
V
C
2
Supply Current (IOUT=0mA, CL=0) Low-power
mode
ISUPPLY
—40
55
(TBD)
μAP
3
Supply Current (IOUT=0mA, CL=0)
High-speed mode
ISUPPLY
420
(TBD)
450
(TBD)
μAP
4
Input Offset Voltage
VOS
±3
±10
mV
C
5
Input Offset Voltage Temperature Coefficient
α
VOS
—1
μV/C
C
6
Input Offset Current
IOS
± TBD
± TBD
pA
C
7
Input Bias Current
IBIAS
± TBD
± TBD
pA
C
8
Input Common Mode Voltage Low
VCML
0.1
V
C
9
Input Common Mode Voltage High
VCMH
——
VDD+0.1
V
T
10
Input Resistance
RIN
500
M
Ω
T
11
Input Capacitances
CIN
10
pF
T
12
AC Input Impedance (fIN=100kHz)
|X
IN|
TBD
—M
Ω
T
13
Input Common Mode Rejection Ratio
CMRR
55
65
dB
C
14
Power Supply Rejection Ration
PSRR
60
65
dB
C
15
Slew Rate (
ΔV
IN=100mV) Low-power mode
SR
0.1
V/
μsC
16
Slew Rate (
ΔV
IN=100mV) High speed mode
SR
1
V/
μsC
17
Unity Gain Bandwidth Low-power mode
GBW
0.2
MHz
C
18
Unity Gain Bandwidth High Speed mode
GBW
1
MHz
C
19
DC Open Loop Voltage Gain
AV
80
90
dB
C
20
Load Capacitance Driving Capability
CL(max)
100
pF
C
21
Output Resistance
ROUT
1500
Ω
C
22
Output Voltage Range
VOUT
0.15
VDD-0.15
V
C
23
Output Drive Capability
IOUT
±0.5
±1.0
mA
C
24
Gain Margin
GM
20
dB
T
25
Phase Margin
PM
45
55
deg
C
26
GPAMP settling time (low-power mode)
(To < 0.1%, Vin = 2Vp-p, CL = 25pF, RL = 2k)
Tstartup
TBD
—uS
C
27
GPAMP settling time (low-power mode)
Tstartup
TBD
—uS
C
28
GPAMP settling time (high-speed mode)
(To < 0.1%, Vin = 2Vp-p, CL = 25pF, RL = 2k)
Tstartup
TBD
—uS
C
29
GPAMP settling time (high-speed mode)
Tstartup
TBD
—uS
C
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Similar Part No. - MCF51MM256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC128A FREESCALE-MCF51AC128A Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC128A FREESCALE-MCF51AC128A Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACFUE FREESCALE-MCF51AC128ACFUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACLKE FREESCALE-MCF51AC128ACLKE Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51AC128ACPUE FREESCALE-MCF51AC128ACPUE Datasheet
1Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF51MM256

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF504RPMC FUJITSU-MB9BF504RPMC Datasheet
784Kb / 4P
   Family of 32-bit MCUs
logo
NXP Semiconductors
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05JB3 NXP-68HC05JB3 Datasheet
1Mb / 134P
   The MC68HC05JB3 is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
REV 1 November 5, 1998
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
   The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
   The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
   a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
WP4312RJ SIEMENS-WP4312RJ Datasheet
140Kb / 2P
   Siemens Low Voltages Multi-Family Metering Line of PAK Metering
3/13/2023
logo
ATMEL Corporation
ATUC256L3U ATMEL-ATUC256L3U_14 Datasheet
441Kb / 45P
   High-performance, Low-power 32-bit Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com