Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1032ARMZ Datasheet(PDF) 4 Page - ON Semiconductor

Part No. ADM1032ARMZ
Description  ±1℃ Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARMZ Datasheet(HTML) 4 Page - ON Semiconductor

  ADM1032ARMZ Datasheet HTML 1Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 2Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 3Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 4Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 5Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 6Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 7Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 8Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADM1032
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
Parameter
Unit
Max
Typ
Min
Conditions
Serial Bus Timing (Note 2)
SDATA Output Low Sink Current
SDATA forced to 0.6 V
6.0
mA
ALERT Output Low Sink Current
ALERT forced to 0.4 V
1.0
mA
Logic Input Current, IIH, IIL
−1.0
+1.0
mA
Input Capacitance, SCLK, SDATA
5.0
pF
Clock Frequency
400
kHz
SMBus Timeout (Note 3)
25
64
ms
SCLK Clock Low Time, tLOW
tLOW between 10% points
1.3
ms
SCLK Clock High Time, tHIGH
tHIGH between 90% points
0.6
ms
Start Condition Setup Time, tSU:STA
600
ns
Start Condition Hold Time, tHD:STA
Time from 10% of SDATA to 90% of SCLK
600
ns
Stop Condition Setup Time, tSU:STO
Time from 90% of SCLK to 10% of SDATA
600
ns
Data Valid to SCLK Rising Edge Time,
tSU:DAT
Time for 10% or 90% of SDATA to 10% of SCLK
100
ns
Data Hold Time, tHD:DAT
300
ns
Bus Free Time, tBUF
Between start/stop condition
1.3
ms
SCLK, SDATA Rise Time, tR
300
ns
SCLK, SDATA Fall Time, tF
300
ns
1. See Table 6 for information on other conversion rates.
2. Guaranteed by design, not production tested.
3. The SMBus timeout is a programmable feature. By default, it is not enabled. Details on how to enable it are available in the Serial Bus
Interface section.
Figure 2. Diagram for Serial Bus Timing
P
S
tSU:DAT
tHIGH
tF
tHD:DAT
tR
tLOW
tSU:STO
PS
SCLK
SDATA
tHD:STA
tHD:STA
tSU:STA
tBUF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn