Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1032ARMZ Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADM1032ARMZ
Description  짹1??Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARMZ Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADM1032ARMZ Datasheet HTML 8Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 9Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 10Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 11Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 12Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 13Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 14Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 15Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADM1032
http://onsemi.com
12
Figure 13. Writing a Register Address to the Address Pointer Register,
then Writing Data to the Selected Register
Figure 14. Writing to the Address Pointer Register Only
Figure 15. Reading Data from a Previously Selected Register
A6
11
9
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
SDATA
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
STOP BY
MASTER
ACK. BY
ADM1032
ACK. BY
ADM1032
FRAME 3
DATA BYTE
SDATA (CONTINUED)
SCLK (CONTINUED)
ACK. BY
ADM1032
9
1
D7
D6
D5
D4
D3
D2
D1
D0
9
SCLK
SDATA
START BY
MASTER
11
9
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
STOP BY
MASTER
ACK. BY
ADM1032
ACK. BY
ADM1032
9
SCLK
19
1
9
SDATA
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADM1032
STOP BY
MASTER
ACK. BY
ADM1032
ACK. BY
ADM1032
ALERT Output
The ALERT output goes low whenever an out−of−limit
measurement is detected, or if the remote temperature sensor
is open−circuit. It is an open drain and requires a pullup to
VDD. Several ALERT outputs can be wire−OR’ed together
so that the common line goes low if one or more of the
ALERT outputs goes low.
The ALERT output can be used as an interrupt signal to a
processor, or it can be used as an SMBALERT. Slave devices
on the SMBus can not normally signal to the master that they
want to talk, but the SMBALERT function allows them to do
so.
One or more ALERT outputs can be connected to a
common SMBALERT line connected to the master. When
the SMBALERT line is pulled low by one of the devices, the
following procedure occurs (see Figure 16).
Figure 16. Use of SMBALERT
ALERT RESPONSE
ADDRESS
MASTER SENDS
ARA AND READ
COMMAND
DEVICE SENDS
ITS ADDRESS
RD
START
ACK
DEVICE
ADDRESS
NO
ACK STOP
MASTER
RECEIVES
SMBALERT
1. SMBALERT is pulled low.
2. Master initiates a read operation and sends the
alert response address (ARA = 0001 100). This is
a general call address that must not be used as a
specific device address.
3. The device whose ALERT output is low responds
to the alert response address and the master reads
its device address. Since the device address is


Similar Part No. - ADM1032ARMZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1RL ONSEMI-ADM1032ARMZ-1RL Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARMZ-1RL ONSEMI-ADM1032ARMZ-1RL Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-2R ONSEMI-ADM1032ARMZ-2R Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
More results

Similar Description - ADM1032ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com