Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1032ARMZ Datasheet(PDF) 7 Page - ON Semiconductor

Part No. ADM1032ARMZ
Description  ±1℃ Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARMZ Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADM1032ARMZ Datasheet HTML 3Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 4Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 5Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 6Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 7Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 8Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 9Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 10Page - ON Semiconductor ADM1032ARMZ Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADM1032
http://onsemi.com
7
Functional Description
The ADM1032 is a local and remote temperature sensor
and overtemperature alarm. When the ADM1032 is
operating normally, the on−board A/D converter operates in
a free running mode. The analog input multiplexer
alternately selects either the on−chip temperature sensor to
measure its local temperature or the remote temperature
sensor. These signals are digitized by the ADC, and the
results are stored in the local and remote temperature value
registers.
The measurement results are compared with local and
remote, high, low, and THERM temperature limits stored in
nine on−chip registers. Out−of−limit comparisons generate
flags that are stored in the status register, and one or more
out−of−limit results cause the ALERT output to pull low.
Exceeding THERM temperature limits causes the THERM
output to assert low.
The limit registers can be programmed, and the device
controlled and configured, via the serial SMBus. The
contents of any register can also be read back via the SMBus.
Control and configuration functions consist of:
Switching the device between normal operation and
standby mode.
Masking or enabling the ALERT output.
Selecting the conversion rate.
Measurement Method
A simple method of measuring temperature is to exploit
the negative temperature coefficient of a diode, or the
base−emitter voltage of a transistor, operated at constant
current. Unfortunately, this technique requires calibration to
null out the effect of the absolute value of VBE, which varies
from device to device.
The technique used in the ADM1032 is to measure the
change in VBE when the device is operated at two different
currents.
This is given by:
(eq. 1)
DVBE + nf
KT
q
In(N)
where:
K is Boltzmann’s constant (1.38 x 10–23).
q is the charge on the electron (1.6 x 10–19 Coulombs).
T is the absolute temperature in Kelvins.
N is the ratio of the two currents.
nf is the ideality factor of the thermal diode.
The ADM1032 is trimmed for an ideality factor of 1.008.
Figure 12 shows the input signal conditioning used to
measure the output of an external temperature sensor.
Figure 12 shows the external sensor as a substrate transistor,
provided
for
temperature
monitoring
on
some
microprocessors, but it could equally well be a discrete
transistor. If a discrete transistor is used, the collector is not
grounded and should be linked to the base. To prevent
ground noise interfering with the measurement, the more
negative terminal of the sensor is not referenced to ground
but is biased above ground by an internal diode at the D−
input. If the sensor is operating in a noisy environment, C1
can optionally be added as a noise filter. Its value should be
no more than 1000 pF. See the Layout Considerations
section for more information on C1.
To measure
DVBE, the sensor is switched between the
operating currents of I and N x I. The resulting waveform is
passed through a 65 kHz low−pass filter to remove noise,
and then to a chopper−stabilized amplifier that performs the
functions of amplification and rectification of the waveform
to produce a dc voltage proportional to
DVBE. This voltage
is measured by the ADC to give a temperature output in twos
complement format. To further reduce the effects of noise,
digital filtering is performed by averaging the results of 16
measurement cycles.
Signal conditioning and measurement of the internal
temperature sensor is performed in a similar manner.
Figure 12. Input Signal Conditioning
CAPACITOR C1 IS OPTIONAL AND IT SHOULD ONLY BE USED IN VERY NOISY ENVIRONMENTS. C1 = 1000pF MAX.
C1
D+
D–
REMOTE
SENSING
TRANSISTOR
I
IBIAS
VDD
VOUT+
TO ADC
VOUT–
BIAS
DIODE
LOW−PASS FILTER
fC = 65kHz
N × I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn