Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1033ARQZ-REEL Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADM1033ARQZ-REEL
Description  Thermal Monitor and Fan Speed (RPM) Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1033ARQZ-REEL Datasheet(HTML) 3 Page - ON Semiconductor

  ADM1033ARQZ-REEL Datasheet HTML 1Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 2Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 3Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1033ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ADM1033
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
−0.3, +6.5
V
Voltage on Any Input or Output Pin except FAN_FAULT and LOCATION
−0.3 to VDD +6.5
V
Voltage on FAN_FAULT (Note 1)
VCC
Voltage on LOCATION
VCC + 0.3
V
Input Current at Any Pin
±20
mA
Maximum Junction Temperature (TJ max)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering (10 s)
300
°C
IR Reflow Peak Temperature
220
°C
ESD Rating − All Pins
1500
V
1. During powerup the voltage on FAN_FAULT should not be higher than VCC.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Parameter
Rating
16−Lead QSOP Package
qJA = 150°C/W, qJC = 39°C/W
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
DRIVE1
DRIVE1 Pin Drives Fan 1. Open−drain output. Requires a pullup resistor.
2
TACH1
Fan 1 Fan Speed Measurement Input. Connects to the fan’s TACH output to measure the fan speed.
3
ALERT Comp
Open−Drain Active Low Output. Assets low whenever a measurement goes outside its programmed
limits if not masked. Automatically goes high again when the measured parameter falls back within
its limits.
4
NC
No Connect.
5
GND
Ground for Analog and Digital Circuitry.
6
VCC
Power. Can be powered by 3.3 V standby power if monitoring in low power states is required.
7
THERM
Can be configured as an overtemperature interrupt output, or as an input (to monitor PROCHOT
output of an INTEL CPU). A timer measures assertion times on the THERM pin (either input or output).
8
FAN_FAULT/REF
FAN_FAULT: Open−Drain Output. Asserted low when one or both fans stall. Requires a pullup
resistor to VCC. REF: Analog Input Reference for the THERM Input.
9
D1−
Cathode Connection for the First Thermal Diode or Diode−Connected Transistor.
10
D1+
Anode Connection for the First Thermal Diode or Diode−Connected Transistor.
11
NC
No Connect.
12
NC
No Connect.
13
LOCATION
8−Level Analog Input. Used to determine the correct SMBus version and the SMBus address (in
fixed and discoverable mode) and to set the LLL bits in the UDID (in ARP−capable mode).
14
ALERT
Open−Drain Output. SMBusALERT pin. Alerts the system in the case of out−of−limit events, such as
over temperature. Can be configured as sticky SMBus mode or comparator mode.
15
SDA
Serial Bus Bidirectional Data. Connects to the SMBus master’s data line. Requires pullup resistor if
not provided elsewhere in the system.
16
SCL
Serial SMBus Clock Input. Connects to the SMBus master’s clock line. Requires pullup resistor if not
already provided in the system.


Similar Part No. - ADM1033ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1033ARQZ-REEL AD-ADM1033ARQZ-REEL Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
logo
Analog Devices
ADM1033ARQZ-REEL7 AD-ADM1033ARQZ-REEL7 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
More results

Similar Description - ADM1033ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com