Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1032ARZ Datasheet(PDF) 2 Page - ON Semiconductor

Part No. ADM1032ARZ
Description  ±1℃ Remote and Local System Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1032ARZ Datasheet(HTML) 2 Page - ON Semiconductor

  ADM1032ARZ Datasheet HTML 1Page - ON Semiconductor ADM1032ARZ Datasheet HTML 2Page - ON Semiconductor ADM1032ARZ Datasheet HTML 3Page - ON Semiconductor ADM1032ARZ Datasheet HTML 4Page - ON Semiconductor ADM1032ARZ Datasheet HTML 5Page - ON Semiconductor ADM1032ARZ Datasheet HTML 6Page - ON Semiconductor ADM1032ARZ Datasheet HTML 7Page - ON Semiconductor ADM1032ARZ Datasheet HTML 8Page - ON Semiconductor ADM1032ARZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADM1032
http://onsemi.com
2
Figure 1. Functional Block Diagram
ON−CHIP
TEMPERATURE
SENSOR
A/D
CONVERTER
BUSY
RUN/STANDBY
EXTERNAL DIODE OPEN−CIRCUIT
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
REMOTE TEMPERATURE
HIGH LIMIT REGISTER
CONFIGURATION
REGISTER
INTERRUPT
MASKING
LIMIT
COMPARATOR
REMOTE TEMPERATURE
VALUE REGISTER
LOCAL TEMPERATURE
VALUE REGISTER
VDD
GND
SDATA
SCLK
ALERT
D+
D–
REMOTE TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
ANALOG
MUX
ADM1032
EXTERNAL THERM LIMIT
REGISTER
STATUS REGISTER
SMBUS INTERFACE
REMOTE OFFSET
REGISTER
THERM
LOCAL THERM LIMIT
REGISTER
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VDD) to GND
−0.3, +5.5
V
D+
−0.3 to VDD + 0.3
V
D− to GND
−0.3 to +0.6
V
SCLK, SDATA, ALERT
−0.3 to +5.5
V
THERM
−0.3 to VDD + 0.3
V
Input Current, SDATA, THERM
−1, +50
mA
Input Current, D−
±1
mA
ESD Rating, All Pins (Human Body Model)
>1000
V
Maximum Junction Temperature (TJ Max)
150
°C
Storage Temperature Range
−65 to +150
°C
IR Reflow Peak Temperature
220
°C
IR Reflow Peak Temperature for Pb−Free
260
°C
Lead Temperature (Soldering 10 sec)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
Unit
8−Lead SOIC−N Package
121
°C
8−Lead MSOP Package
142
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn