Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JST Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADM1026JST
Description  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JST Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADM1026JST Datasheet HTML 47Page - ON Semiconductor ADM1026JST Datasheet HTML 48Page - ON Semiconductor ADM1026JST Datasheet HTML 49Page - ON Semiconductor ADM1026JST Datasheet HTML 50Page - ON Semiconductor ADM1026JST Datasheet HTML 51Page - ON Semiconductor ADM1026JST Datasheet HTML 52Page - ON Semiconductor ADM1026JST Datasheet HTML 53Page - ON Semiconductor ADM1026JST Datasheet HTML 54Page - ON Semiconductor ADM1026JST Datasheet HTML 55Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
ADM1026
http://onsemi.com
51
Table 83. Register 49h, EXT/AIN9 Low Limit (Power−On Default 80h)
Bit
Name
R/W
Description
7–0
Ext2 Temp /AIN9 Low
Limit
R/W
This register contains the low limit of the Ext2 Temp/AIN9 channel depending on
which bit is configured.
Table 84. Register 4Ah, 3.3 V STBY Low Limit (Power−On Default 00h)
Bit
Name
R/W
Description
7–0
3.3 V STBY Low Limit
R/W
This register contains the low limit of the 3.3 V STBY analog input channel.
Table 85. Register 4Bh, 3.3 V MAIN Low Limit (Power−On Default 00h)
Bit
Name
R/W
Description
7–0
3.3 V MAIN Low Limit
R/W
This register contains the low limit of the 3.3 V MAIN analog input channel.
Table 86. Register 4Ch, +5.0 V Low Limit (Power−On Default 00h)
Bit
Name
R/W
Description
7–0
+5.0 V Low Limit
R/W
This register contains the low limit of the +5.0 V analog input channel.
Table 87. Register 4Dh, VCCP Low Limit (Power−On Default 00h)
Bit
Name
R/W
Description
7–0
VCCP Low Limit
R/W
This register contains the low limit of the VCCP analog input channel.
Table 88. Register 4Eh, +12 V Low Limit (Power−On Default 00h)
Bit
Name
R/W
Description
7–0
+12 V Low Limit
R/W
This register contains the low limit of the +12 V analog input channel.
Table 89. Register 4Fh, −12 V Low Limit (Power−On Default 00h)
Bit
Name
R/W
Description
7–0
−12 V Low Limit
R/W
This register contains the low limit of the -12 V analog input channel.
Table 90. Register 50h, AIN0 High Limit (Power−On Default FFh)
Bit
Name
R/W
Description
7–0
AIN0 High Limit
R/W
This register contains the high limit of the AIN0 analog input channel.
Table 91. Register 51h, AIN1 High Limit (Power−On Default FFh)
Bit
Name
R/W
Description
7–0
AIN1 High Limit
R/W
This register contains the high limit of the AIN1 analog input channel.
Table 92. Register 52h, AIN2 High Limit (Power−On Default FFh)
Bit
Name
R/W
Description
7–0
AIN2 High Limit
R/W
This register contains the high limit of the AIN2 analog input channel.
Table 93. Register 53h, AIN3 High Limit (Power−On Default FFh)
Bit
Name
R/W
Description
7–0
AIN3 High Limit
R/W
This register contains the high limit of the AIN3 analog input channel.


Similar Part No. - ADM1026JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026JST AD-ADM1026JST Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
ADM1026JST-REEL AD-ADM1026JST-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
More results

Similar Description - ADM1026JST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com