Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JST Datasheet(PDF) 46 Page - ON Semiconductor

Part # ADM1026JST
Description  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JST Datasheet(HTML) 46 Page - ON Semiconductor

Back Button ADM1026JST Datasheet HTML 42Page - ON Semiconductor ADM1026JST Datasheet HTML 43Page - ON Semiconductor ADM1026JST Datasheet HTML 44Page - ON Semiconductor ADM1026JST Datasheet HTML 45Page - ON Semiconductor ADM1026JST Datasheet HTML 46Page - ON Semiconductor ADM1026JST Datasheet HTML 47Page - ON Semiconductor ADM1026JST Datasheet HTML 48Page - ON Semiconductor ADM1026JST Datasheet HTML 49Page - ON Semiconductor ADM1026JST Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
ADM1026
http://onsemi.com
46
Table 46. Register 24h, Status Register 5 (Power−On Default, 00h)
Bit
Name
R/W
(Note 1)
Description
0
GPIO0 Status = 0
R
R/W
When GPIO0 is configured as an input, this bit is set when GPIO0 is asserted.
(Asserted may be active high or active low depending on setting of Bit 1 in GPIO
Configuration Register 1.)
When GPIO0 is configured as an output, setting this bit asserts GPIO0. (Asserted
may be active high or active low depending on setting of Bit 1 in GPIO Configuration
Register 1.)
1
GPIO1 Status = 0
R
R/W
When GPIO1 is configured as an input, this bit is set when GPIO1 is asserted.
(Asserted may be active high or active low depending on setting of Bit 3 in GPIO
Configuration Register 1.)
When GPIO1 is configured as an output, setting this bit asserts GPIO1. (Asserted
may be active high or active low depending on setting of Bit 3 in GPIO Configuration
Register 1.)
2
GPIO2 Status = 0
R
R/W
When GPIO2 is configured as an input, this bit is set when GPIO2 is asserted.
(Asserted may be active high or active low depending on setting of Bit 5 in GPIO
Configuration Register 1.)
When GPIO2 is configured as an output, setting this bit asserts GPIO2. (Asserted
may be active high or active low depending on setting of Bit 5 in GPIO Configuration
Register 1.)
3
GPIO3 Status = 0
R
R/W
When GPIO3 is configured as an input, this bit is set when GPIO3 is asserted.
(Asserted may be active high or active low depending on setting of Bit 7 in GPIO
Configuration Register 1.)
When GPIO3 is configured as an output, setting this bit asserts GPIO3. (Asserted
may be active high or active low depending on setting of Bit 7 in GPIO Configuration
Register 1.)
4
GPIO4 Status = 0
R
R/W
When GPIO4 is configured as an input, this bit is set when GPIO4 is asserted.
(Asserted may be active high or active low depending on setting of Bit 1 in GPIO
Configuration Register 2.)
When GPIO4 is configured as an output, setting this bit asserts GPIO4. (Asserted
may be active high or active low depending on setting of Bit 1 in GPIO Configuration
Register 2.)
5
GPIO5 Status = 0
R
R/W
When GPIO5 is configured as an input, this bit is set when GPIO5 is asserted.
(Asserted may be active high or active low depending on setting of Bit 3 in GPIO
Configuration Register 2.)
When GPIO5 is configured as an output, setting this bit asserts GPIO5. (Asserted
may be active high or active low depending on setting of Bit 3 in GPIO Configuration
Register 2.)
6
GPIO6 Status = 0
R
R/W
When GPIO6 is configured as an input, this bit is set when GPIO6 is asserted.
(Asserted may be active high or active low depending on setting of Bit 5 in GPIO
Configuration Register 2.)
When GPIO6 is configured as an output, setting this bit asserts GPIO6. (Asserted
may be active high or active low depending on setting of Bit 5 in GPIO Configuration
Register 2.)
7
GPIO7 Status = 0
R
R/W
When GPIO7 is configured as an input, this bit is set when GPIO7 is asserted.
(Asserted may be active high or active low depending on setting of Bit 7 in GPIO
Configuration Register 2.)
When GPIO7 is configured as an output, setting this bit asserts GPIO7. (Asserted
may be active high or active low depending on setting of Bit 7 in GPIO Configuration
Register 2.)
1. GPIO status bits can be written only when a GPIO pin is configured as output. Read−only otherwise.


Similar Part No. - ADM1026JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026JST AD-ADM1026JST Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
ADM1026JST-REEL AD-ADM1026JST-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
More results

Similar Description - ADM1026JST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com