Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC237011184 Datasheet(PDF) 17 Page - Vishay Siliconix

Part No. BFC237011184
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC237011184 Datasheet(HTML) 17 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
93
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
4.11.3
Final measurements
Voltage proof = URdc for 1 min within 15 min
after removal from testchamber
No breakdown of flash-over
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 5 % of the value measured in 4.11.1.
Tangent of loss angle
Increase of tan
δ ≤ 0.005
Compared to values measured in 4.11.1
Insulation resistance
≥ 50 % of values specified in section “Specific
Reference Data 370” of this specification
SUB-GROUP C3
4.12
Endurance
Duration: 2000 h
1.25 x URdc at 85 °C
0.8 x 1.25 URdc at + 100 °C for rated voltage
63 V
0.8 x 1.25 URdc at + 105 °C for rated voltage
> 63 V
4.12.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.12.5
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 5 % compared to values measured
in 4.12.1
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for at 85 °C
≤ 0.010 for at 100 °C for:
C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.12.1
Insulation resistance
≥ 50 % of values specified in section “Specific
Reference Data 370” of this specification
SUB-GROUP C4
4.13
Charge and discharge
10 000 cycles
Charged to URdc
Discharge resistance:
4.13.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.13.3
Final measurements
Capacitance
|
ΔC/C| ≤ 3 % compared to values measured
in 4.13.1
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.13.1
Insulation resistance
≥ 50 % of values specified in section “Specific
Reference Data 370” of this specification
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
U
R
C
2.5
dU dt
()
R
×
×
--------------------------------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn