Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC237011184 Datasheet(PDF) 15 Page - Vishay Siliconix

Part No. BFC237011184
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC237011184 Datasheet(HTML) 15 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
91
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
INSPECTION REQUIREMENTS
General Notes:
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Publication IEC 60384-2 and
Specific Reference Data”.
Group C Inspection Requirements
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF SAMPLE
OF SUB-GROUP C1
4.1
Dimensions (detail)
As specified in chapters “MKT 370 General
Data” of this specification
4.3.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.3
Robustness of terminations
Tensile and bending
No visible damage
4.4
Resistance to soldering heat
Method: 1A
Solder bath: 280 °C ± 5 °C
Duration: 10 s
4.14
Component solvent resistance
Isopropylalcohol at room temperature
Method: 2
Immersion time: 5 min ± 0.5 min
Recovery time: Min. 1 h, max. 2 h
4.4.2
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|ΔC/C| ≤ 2 % of the value measured initially
Tangent of loss angle
Increase of tan
δ
≤ 0.005 for:
C
≤ 100 nF or
≤ 0.010 for:
100 nF < C
≤ 220 nF or
≤ 0.015 for:
220 nF < C
≤ 470 nF and
≤ 0.003 for:
C > 470 nF
Compared to values measured in 4.3.1
SUB-GROUP C1B OTHER PART OF
SAMPLE OF SUB-GROUP C1
4.6.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 470 nF at 100 kHz or
for C > 470 nF at 10 kHz
4.6
Rapid change of temperature
θA = - 55 °C
θB = + 100 °C for rated voltage 63 V
+ 105 °C for rated voltage > 63 V
5 cycles
Duration t = 30 min
4.7
Vibration
Visual examination
Mounting:
See section “Mounting” of this specification
Procedure B4
Frequency range: 10 Hz to 55 Hz
Amplitude: 0.75 mm or
Acceleration 98 m/s²
(whichever is less severe)
Total duration 6 h
No visible damage
4.7.2
Final inspection
Visual examination
No visible damage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn