Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC237011184 Datasheet(PDF) 12 Page - Vishay Siliconix

Part No. BFC237011184
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC237011184 Datasheet(HTML) 12 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
88
Revision: 04-Aug-09
Maximum RMS current (sinewave) as a function of frequency
The maximum RMS current is defined by Iac = ω x C x Uac.
Uac is the maximum AC voltage depending on the ambient temperature in the curves “Max. RMS voltage and AC current as a
function of frequency”.
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
T
amb ≤ 85 °C, 630 Vdc
Compact size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
85 °C < T
amb ≤ 105 °C, 630 Vdc
Compact size
Tangent of loss angle as a function of frequency
(typical curve)
Insulation resistance as a function of the ambient temperature
(typical curve)
Max. DC and AC voltage as a function of frequency
for voltage 63 V
Max. DC and AC voltage as a function of frequency
for voltages > 63 V
f (Hz)
10
2
10
3
10
4
10
5
10
3
10
2
10
1
Curve 1: C = 0.33 µF
Curve 2: 0.33 µF, C = 1.2 µF
Curve 3: 1.2 µF, C = 3.9 µF
Curve 4: 3.9 µF, C = 6.8 µF
Curve 5: C = 6.8 µF
5
4
3
2
1
T
amb (°C)
- 50
0
50
100
10
2
10
3
10
4
10
5
1.2
1.0
0.8
0.6
0.4
0.2
0.0
- 60
- 20
20
60
100
T
amb (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
- 60
- 20
20
60
100
T
amb (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn