Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC237011184 Datasheet(PDF) 10 Page - Vishay Siliconix

Part No. BFC237011184
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237011184 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button BFC237011184 Datasheet HTML 6Page - Vishay Siliconix BFC237011184 Datasheet HTML 7Page - Vishay Siliconix BFC237011184 Datasheet HTML 8Page - Vishay Siliconix BFC237011184 Datasheet HTML 9Page - Vishay Siliconix BFC237011184 Datasheet HTML 10Page - Vishay Siliconix BFC237011184 Datasheet HTML 11Page - Vishay Siliconix BFC237011184 Datasheet HTML 12Page - Vishay Siliconix BFC237011184 Datasheet HTML 13Page - Vishay Siliconix BFC237011184 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
86
Revision: 04-Aug-09
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
Max. AC voltage as a function of frequency
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
330
nF
100
nF
47
nF
12
nF
22
nF
T
amb ≤ 85 °C, 100 Vdc
Standard size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
330
nF
100
nF
47
nF
12
nF
22
nF
85 °C < T
amb ≤ 105 °C, 100 Vdc
Standard size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
220
nF
100
nF
T
amb ≤ 85 °C, 100 Vdc
Compact size
10
2
10
1
10
0
f (Hz)
10
3
10
2
10
1
10
4
10
5
220
nF
100
nF
Compact size
85 °C < T
amb ≤ 105 °C, 100 Vdc
10
2
10
1
10
0
10
3
f (Hz)
10
3
10
2
10
1
10
4
10
5
100
nF
22
nF
10
nF
4.7
nF
47
nF
T
amb ≤ 85 °C, 250 Vdc
Standard size
10
2
10
1
10
0
10
3
f (Hz)
10
3
10
2
10
1
10
4
10
5
85 °C < T
amb ≤ 105 °C, 250 Vdc
100
nF
22
nF
10
nF
4.7
nF
47
nF
Standard size


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn