Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1024ARUZ Datasheet(PDF) 2 Page - ON Semiconductor

Part No. ADM1024ARUZ
Description  System Hardware Monitor with Remote Diode Thermal Sensing
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1024ARUZ Datasheet(HTML) 2 Page - ON Semiconductor

  ADM1024ARUZ Datasheet HTML 1Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 2Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 3Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 4Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 5Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 6Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 7Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 8Page - ON Semiconductor ADM1024ARUZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADM1024
http://onsemi.com
2
Figure 1. Functional Block Diagram
10−BIT ADC
D1+
D1–
GND
ADM1024
CI
VID0/IRQ0
VID1/IRQ1
VID2/IRQ2
VID3/IRQ3
VID4/IRQ4
FAN1/AIN1
FAN2/AIN2
POWER TO CHIP
+VCCP1
+2.5VIN/D2+
+5.0VIN
+12VIN
VCCP2/D2–
VCC
PULLUPS
VCC
VID0–3 AND
FAN DIVISOR
REGISTER
VID4 AND
DEVICE ID
REGISTER
FAN SPEED
COUNTER
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
BAND GAP
TEMPERATURE
SENSOR
ADDRESS
POINTER
REGISTER
TEMPERATURE
CONFIGURATION
REGISTER
2.5V
BAND GAP
REFERENCE
SERIAL BUS
INTERFACE
CHANNEL
MODE
REGISTER
VALUE AND
LIMIT
REGISTERS
LIMIT
COMPARATORS
INTERRUPT
STATUS
REGISTERS
INT MASK
REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
ANALOG
OUTPUT
REGISTER AND
8−BIT DAC
NTEST_OUT/ADD
INT
NTEST_IN/AOUT
THERM
RESET
VCC
VCC
VCC
100k
CHASSIS
INTRUSION
CLEAR
REGISTER
SDA
SCL
W
100k W
100k W
100k W
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
6.5
V
Voltage on 12 VIN Pin
20
V
Voltage on AOUT, NTEST_OUT ADD, 2.5 VIN/D2+
−0.3 to (VCC +0.3)
V
Voltage on Any Other Input or Output Pin
−0.3 to +6.5
V
Input Current at Any Pin
±5
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJMAX)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
Vapor Phase (60 sec)
Infrared (15 sec)
215
200
°C
ESD Rating All Pins
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
24−Lead Small Outline Package
50
10
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn