Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC574DTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part No. 74HC574DTR2G
Description  Octal 3−State Noninverting D Flip−Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC574DTR2G Datasheet(HTML) 6 Page - ON Semiconductor

  74HC574DTR2G Datasheet HTML 1Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 2Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 3Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 4Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 5Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 6Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 7Page - ON Semiconductor 74HC574DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74HC574
http://onsemi.com
6
Figure 3.
Figure 4.
CLOCK
Q
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
1/fmax
Q
Q
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3.0 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
SWITCHING WAVEFORMS
Figure 5.
Figure 6.
Figure 7. Test Circuit
Figure 8. Expanded Logic Diagram
50%
CLOCK
VCC
VALID
GND
VCC
GND
tsu
th
50%
DATA
*Includes all probe and jig capacitance.
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance.
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
C
D
Q
2
D0
19 Q0
C
D
Q
3
D1
18 Q1
C
D
Q
4
D2
17 Q2
C
D
Q
5
D3
16 Q3
C
D
Q
6
D4
15 Q4
C
D
Q
7
D5
14 Q5
C
D
Q
8
D6
13 Q6
C
D
Q
9
D7
12 Q7
11
CLOCK
1
OUTPUT ENABLE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn