Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC245DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 74HC245DTR2G
Description  Octal 3−State Noninverting Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC245DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  74HC245DTR2G Datasheet HTML 1Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 2Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 3Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 4Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 5Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 6Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 7Page - ON Semiconductor 74HC245DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 1
1
Publication Order Number:
74HC245/D
74HC245
Octal 3−State Noninverting
Bus Transceiver
High−Performance Silicon−Gate CMOS
The 74HC245 is identical in pinout to the LS245. The device inputs
are compatible with standard CMOS outputs; with pull−up resistors,
they are compatible with LSTTL outputs.
The HC245 is a 3−state noninverting transceiver that is used for
2−way asynchronous communication between data buses. The device
has an active−low Output Enable pin, which is used to place the I/O
ports into high−impedance states. The Direction control determines
whether data flows from A to B or from B to A.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 308 FETs or 77 Equivalent Gates
This is a Pb−Free Device
http://onsemi.com
1
20
MARKING
DIAGRAMS
HC
245
ALYW G
G
TSSOP−20
DT SUFFIX
CASE 948E
1
20
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
HC245
= Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn