Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC138DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74HC138DR2G
Description  1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC138DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  74HC138DR2G Datasheet HTML 1Page - ON Semiconductor 74HC138DR2G Datasheet HTML 2Page - ON Semiconductor 74HC138DR2G Datasheet HTML 3Page - ON Semiconductor 74HC138DR2G Datasheet HTML 4Page - ON Semiconductor 74HC138DR2G Datasheet HTML 5Page - ON Semiconductor 74HC138DR2G Datasheet HTML 6Page - ON Semiconductor 74HC138DR2G Datasheet HTML 7Page - ON Semiconductor 74HC138DR2G Datasheet HTML 8Page - ON Semiconductor 74HC138DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HC138
http://onsemi.com
5
Figure 1.
50%
tPHL
tPLH
VCC
GND
Figure 2.
VALID
VALID
OUTPUT Y
50%
tf
tr
VCC
GND
tPLH
tTLH
90%
50%
10%
OUTPUT Y
INPUT CS1
tPHL
90%
50%
10%
tTHL
INPUT A
SWITCHING WAVEFORMS
tTHL
tTLH
VCC
GND
tr
tPHL
tPLH
OUTPUT Y
INPUT
CS2, CS3
90%
50%
10%
90%
50%
10%
Figure 3.
tf
*Includes all probe and jig capacitance
Figure 4. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
PIN DESCRIPTIONS
ADDRESS INPUTS
A0, A1, A2 (Pins 1, 2, 3)
Address inputs. These inputs, when the chip is selected,
determine which of the eight outputs is active−low.
CONTROL INPUTS
CS1, CS2, CS3 (Pins 6, 4, 5)
Chip select inputs. For CS1 at a high level and CS2, CS3
at a low level, the chip is selected and the outputs follow the
Address inputs. For any other combination of CS1, CS2, and
CS3, the outputs are at a logic high.
OUTPUTS
Y0 − Y7 (Pins 15, 14, 13, 12, 11, 10, 9, 7)
Active−low Decoded outputs. These outputs assume a
low level when addressed and the chip is selected. These
outputs remain high when not addressed or the chip is not
selected.


Similar Part No. - 74HC138DR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138D PHILIPS-74HC138D Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
logo
Toshiba Semiconductor
74HC138D TOSHIBA-74HC138D Datasheet
212Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC138D NEXPERIA-74HC138D Datasheet
274Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 9 - 13 August 2021
More results

Similar Description - 74HC138DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com