Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6B4110 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SR6B4110
Description  Safety Relay SR6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6B4110 Datasheet(HTML) 3 Page - Tyco Electronics

  SR6B4110 Datasheet HTML 1Page - Tyco Electronics SR6B4110 Datasheet HTML 2Page - Tyco Electronics SR6B4110 Datasheet HTML 3Page - Tyco Electronics SR6B4110 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
3
Safety Relay SR6 (Continued)
PCB layout / terminal assignment
Bottom view
3 NO+3 NC versions
SR6 A
4 NO+2 NC versions
SR6 B
5 NO+1 NC versions
SR6 C
S0368-CA
S0368-CB
S0368-CA
S0368-CC
S0368-CD
S0368-CE
4 NO+2 NC versions
SR6 V
S0368-CU
S0368-CV
The design of the SR6 V allows
clearance/creepage of 5.5 mm
on the pcb.
Dimensions
S0367-DN
SR6 A/B/C
S0367-DU
SR6 V


Similar Part No. - SR6B4110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6B4110 MACOM-SR6B4110 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
logo
TE Connectivity Ltd
SR6B4110 TEC-SR6B4110 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

Similar Description - SR6B4110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
   Safety Relay SR6 D/M
SR6Z MACOM-SR6Z_05 Datasheet
131Kb / 2P
   Safety Relay on DIN-rail SR6 Z
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
   Force Guided Relay SR6 A/B/C/V
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com