Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPL14K60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPL14K60
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPL14K60 Datasheet HTML 1Page - STMicroelectronics STGIPL14K60 Datasheet HTML 2Page - STMicroelectronics STGIPL14K60 Datasheet HTML 3Page - STMicroelectronics STGIPL14K60 Datasheet HTML 4Page - STMicroelectronics STGIPL14K60 Datasheet HTML 5Page - STMicroelectronics STGIPL14K60 Datasheet HTML 6Page - STMicroelectronics STGIPL14K60 Datasheet HTML 7Page - STMicroelectronics STGIPL14K60 Datasheet HTML 8Page - STMicroelectronics STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STGIPL14K60
Internal block diagram and pin configuration
Doc ID 15589 Rev 3
5/21
Figure 2.
Pin layout (bottom view)
35
P
Positive DC input
36
NU
Negative DC input for U phase
37
U
U phase output
38
P
Positive DC input
Table 2.
Pin description (continued)
Pin
Symbol
Description
Marking area


Similar Part No. - STGIPL14K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
STGIPL14K60-S STMICROELECTRONICS-STGIPL14K60-S Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
More results

Similar Description - STGIPL14K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
   IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
STGIPS20K60 STMICROELECTRONICS-STGIPS20K60 Datasheet
695Kb / 19P
   IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
   IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
logo
ON Semiconductor
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
   Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
   Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
   Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
   Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
NFAQ0560R43T ONSEMI-NFAQ0560R43T Datasheet
654Kb / 15P
   Intelligent Power Module (IPM) 600 V, 5 A
February, 2021 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com