Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3207 Datasheet(PDF) 8 Page - Tyco Electronics

Part # D3207
Description  FX2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D3207 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button D3207 Datasheet HTML 3Page - Tyco Electronics D3207 Datasheet HTML 4Page - Tyco Electronics D3207 Datasheet HTML 5Page - Tyco Electronics D3207 Datasheet HTML 6Page - Tyco Electronics D3207 Datasheet HTML 7Page - Tyco Electronics D3207 Datasheet HTML 8Page - Tyco Electronics D3207 Datasheet HTML 9Page - Tyco Electronics D3207 Datasheet HTML 10Page - Tyco Electronics D3207 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
Insulation
Standard Version
High Dielectric Version
Insulation resistance at 500 Vdc
> 109
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
1800 Vrms
1800 Vrms
1800 Vrms
4000 Vrms
1500 Vrms
1500 Vrms
Surge voltage resistance
according to Telcordia GR 1089 (2 / 10 µs)
between coil and contacts
between adjacent contact sets
between open contacts
according to FCC 68 (10 / 160 µs) and IEC (10 / 700 µs)
between coil and contacts
between adjacent contact sets
between open contacts
3500 V
2500 V
2500 V
3500 V
2500 V
2500 V
6000 V
2000 V
2000 V
6000 V
2000 V
2000 V
High Frequency Data
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
max. 4 pF
max. 2 pF
max. 2 pF
RF Characteristics
Isolation at 100 MHz / 900 MHz
Insertion loss at 100 MHz / 900 MHz
V.S.W.R. at 100 MHz / 900 MHz
- 34.0 dB / - 15.1 dB
- 0.03 dB / - 0.60 dB
1.07 / 1.45
General Data
Operate time at Unom typ. / max.
3 ms / 4 ms
Reset time (latching) atUnom , typ. / max.
3 ms / 4 ms
Duration of set / reset pulse (latching) min.
20ms*
Release time without diode in parallel (non-latching), typ. / max.
1 ms / 3 ms
Release time with diode in parallel (non-latching), typ. / max.
3 ms / 4 ms
Bounce time at closing contact, typ. / max.
1 ms / 5 ms
Maximum switching rate without load
50 operations/s
Ambient temperature
-55 °C ... +85 °C
Thermal resistance
< 165 K/W
Maximum permissible coil temperature
125 °C
Vibration resistance (function)
20 G 10 to 500 Hz
Shock resistance, half sinus, 11 ms
50 G (function)
1500 G (damage)
Degree of protection / Environmental protection
immersion cleanable, IP 67 / RT V
Needle flame test
application time 20 s, no burning
Mounting position
any
Processing information
Ultrasonic cleaning is not recommended
Weight (mass)
max. 2.5 g
Terminal surface
SnCu 0.7
Resistance to soldering heat
265 °C / 10 s
* Duration may be shorter depending on pulse shape, voltage applied and ambiente temperature
All data refers to 23 °C unless otherwise specified.


Similar Part No. - D3207

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D3200T MACOM-D3200T Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
SHANTOU HUASHAN ELECTRO...
D320AG-00 HUASHAN-D320AG-00 Datasheet
246Kb / 1P
   NPN SILICON TRANSISTOR
logo
Advanced Micro Devices
D320GB12PF AMD-D320GB12PF Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
D320GB12PI AMD-D320GB12PI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
D320GB12UF AMD-D320GB12UF Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - D3207

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013 CYPRESS-CY7C68013 Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
   RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
   Monitoring Relay Interface protection Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com