Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC237076683 Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. BFC237076683
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC237076683 Datasheet(HTML) 13 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
89
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
HEAT CONDUCTIVITY (G) AS A FUNCTION OF (ORIGINAL) PITCH AND CAPACITOR BODY THICKNESS IN mW/°C
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of
the free ambient temperature.
The power dissipation can be calculated according type detail specification “HQN-384-01/101: Technical Information Film
Capacitors”.
The component temperature rise (
ΔT) can be measured (see section “Measuring the component temperature” for more details)
or calculated by
ΔT = P/G:
• ΔT = Component temperature rise (°C)
• P = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
ΔT = T
C - Tamb.
To avoid radiation or convection, the capacitor should be tested in a wind-free box.
Maximum allowed component temperature rise (
ΔT)
as a function of the ambient temperature (Tamb) for voltage 63 V
Maximum allowed component temperature rise (
ΔT)
as a function of the ambient temperature (Tamb) for voltages > 63 V
Wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 5 mm
2.5
2.5
3.5
3.0
4.5
4.0
6.0
5.5
- 60
- 20
20
60
100
T
amb (°C)
16
12
8
4
0
- 60
- 20
20
60
100
T
amb (°C)
16
12
8
4
0
Thermocouple


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn