Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC237076683 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. BFC237076683
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC237076683 Datasheet(HTML) 7 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 04-Aug-09
83
MKT 370
DC Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
URdc = 400 V; URac = 160 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
URdc = 630 V; URac = 220 V (compact size)
Notes
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.01
2.5 x 6.5 x 7.2
0.18
FB...
(2000)
FC...
(2000)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(2000)
FM...
(2000)
103
0.012
123
0.015
153
0.018
183
0.022
3.5 x 8.0 x 7.2
0.30
FB...
(1500)
FC...
(1500)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1500)
FM...
(1500)
223
0.027
273
0.033
333
0.039
393
0.047
4.5 x 9.0 x 7.2
0.42
FB...
(1000)
FC...
(1000)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1000)
FM...
(1000)
473
0.056
563
0.068
6.0 x 11.0 x 7.2
0.64
FB...
(750)
FC...
(750)
FE...
(2000)
FF...
(2000)
FH...
(1000)
FI...
(1000)
FL...
(1000)
FM...
(1000)
683
0.082
823
0.10
104
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 370 XXYYY AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 mm ± 0.30 mm; dt = 0.50 mm ± 0.05 mm
0.00068
3.5 x 8.0 x 7.2
0.35
GB...
(1500)
GC...
(1500)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1500)
GM...
(1500)
681
0.00082
821
0.001
102
0.0012
122
0.0015
152
0.0018
182
0.002
202
0.0022
222
0.0024
242
0.0027
272
0.0033
332
0.0039
392
0.0047
472
0.0056
562
0.0068
682
0.0082
822
0.01
103
0.012
4.5 x 9.0 x 7.2
0.45
GB...
(1000)
GC...
(1000)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1000)
GM...
(1000)
123
0.015
153
0.018
6.0 x 11.0 x 7.2
0.65
GB...
(750)
GC...
(750)
GE...
(2000)
GF...
(2000)
GH...
(1000)
GI...
(1000)
GL...
(1000)
GM...
(1000)
183
0.022
223
0.027
273
0.033
333


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn