Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7WB383BMX1TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # 7WB383BMX1TCG
Description  Bus Exchange Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB383BMX1TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 7WB383BMX1TCG Datasheet HTML 2Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 3Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 4Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 5Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 6Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 7Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 8Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 9Page - ON Semiconductor 7WB383BMX1TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
7WB383
http://onsemi.com
6
AC LOADING AND WAVEFORMS
CL = 50 pF*
From Output
Under Test
GND
Open
7 V
500 W
S1
*CL includes probes and jig capacitance.
500 W
Test
S1
tPD
Open
tPLZ/tPZL
7 V
tPHZ/tPZH
Open
3.5 V
Output
Control
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
tPZH
tPHZ
VOL
VOH
0 V
Output
Output
Waveform 1
S1 at 7 V
(Note 6)
Waveform 2
S1 at Open
(Note 6)
VOL + 0.3 V
VOH − 0.3 V
tPZL
tPLZ
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
6. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control
7. All input pulses are supplied by generators having the following characteristics: PRR v 10 MHz, ZO = 50 W, tr v 2.5 ns, tf v 2.5 ns.
8. The outputs are measured one at a time, with one transition per measurement.
9. tPLZ and tPHZ are the same as tDIS.
10.tPZL and tPZH are the same as tEN.
11. tPHL and tPLH are the same as tPD.
Figure 5. PD, tEN, tDIS Loading and Waveforms
1.5 V
1.5 V
1.5 V
1.5 V
Input
Output
VOH
VOL
tPHL
tPLH
3 V
0 V
Figure 6. tPD−EX Waveforms
Exchange
(EX)
3 V
Output
(A, B, C, D)
Output
(A, B, C, D)
GND
1.5 V
tPHL
tPLH
1.5 V
tPLH
tPHL
90%
1.5 V
10%
VOH
VOL
tr 2.5 ns
tf 2.5 ns


Similar Part No. - 7WB383BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB383 ONSEMI-7WB383 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383DMR2G ONSEMI-7WB383DMR2G Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383DMUTCG ONSEMI-7WB383DMUTCG Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383MUTAG ONSEMI-7WB383MUTAG Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
More results

Similar Description - 7WB383BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com