Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SR6
Description  Safety Relay SR6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6 Datasheet(HTML) 4 Page - Tyco Electronics

  SR6_09 Datasheet HTML 1Page - Tyco Electronics SR6_09 Datasheet HTML 2Page - Tyco Electronics SR6_09 Datasheet HTML 3Page - Tyco Electronics SR6_09 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
4
SCHRACK
Safety Relay SR6 (Continued)
Product key
Typical product key
SR6
A
4
012
Type
SR6
Safety Relay SR6
Contact configuration
A
3 NO + 3 NC contacts (3 form A+ 3 form B)
B
4 NO + 2 NC contacts (4 form A + 2 form B)
C
5 NO + 1 NC contacts (5 form A + 1 form B)
V
4 NO + 2 NC contacts (4 form A + 2 form B)
Contact material
4
AgSnO2, for 1200 mW version only
6
AgSnO2 + 0.2 μm Au, for 800 mW version only
Coil
Coil code = rated coil voltage (e.g. 024=24 VDC)
Available types please see Part Number table
Product key
Type
Contact material
Contact configuration
Coil
Part number
SR6A6K12
6-pole
AgSnO2
3 NO + 3 NC
12 VDC
6-1415537-1
SR6B6K12
safety relay
+ 0.2 μm Au
4 NO + 2 NC
7-1415537-6
SR6B6K15
800 mW coil
15 VDC
7-1415537-7
SR6A6K18
3 NO + 3 NC
18 VDC
6-1415537-3
SR6B6K18
4 NO + 2 NC
7-1415537-8
SR6B6K21
21 VDC
7-1415537-9
SR6A6K24
3 NO + 3 NC
24 VDC
6-1415537-5
SR6B6K24
4 NO + 2 NC
8-1415537-0
SR6C6K24
5 NO + 1 NC
9-1415537-4
SR6V6K18
4 NO + 2 NC
18 VDC
7-1415541-9
800 mW version
Product key
Prior product key
Contact configuration
Contact material
Coil
Part number
SR6A4005
V23050-A1005-A533
AgSnO2
3 NO + 3 NC
5 VDC
8-1415017-1
SR6B4005
V23050-A1005-A542
4 NO + 2 NC
1393260-1
SR6B4006
V23050-A1006-A542
4 NO + 2 NC
6 VDC
1393260-1
SR6A4012
V23050-A1012-A533
3 NO + 3 NC
12 VDC
1-1415015-1
SR6B4012
V23050-A1012-A542
4 NO + 2 NC
1393260-4
SR6C4012
V23050-A1012-A551
5 NO + 1 NC
1-1415017-1
SR6B4018
V23050-A1018-A542
4 NO + 2 NC
18 VDC
1393260-5
SR6A4021
V23050-A1021-A533
3 NO + 3 NC
21 VDC
3-1415018-1
SR6B4021
V23050-A1021-A542
4 NO + 2 NC
1393260-6
SR6A4024
V23050-A1024-A533
3 NO + 3 NC
24 VDC
1415015-1
SR6B4024
V23050-A1024-A542
4 NO + 2 NC
1393260-7
SR6C4024
V23050-A1024-A551
5 NO + 1 NC
1415017-1
SR6B4040
V23050-A1040-A542
4 NO + 2 NC
40 VDC
1393260-9
SR6A4048
V23050-A1048-A533
3 NO + 3 NC
48 VDC
6-1415018-1
SR6B4048
V23050-A1048-A542
4 NO + 2 NC
1-1393260-0
SR6C4048
V23050-A1048-A551
5 NO + 1 NC
2-1415019-1
SR6A4060
V23050-A1060-A533
3 NO + 3 NC
60 VDC
7-1415018-1
SR6B4060
V23050-A1060-A542
4 NO + 2 NC
1-1393260-1
SR6C4060
V23050-A1060-A551
5 NO + 1 NC
3-1415019-1
SR6B4085
V23050-A1085-A542
4 NO + 2 NC
85 VDC
1-1393260-2
SR6A4110
V23050-A1110-A533
3 NO + 3 NC
110 VDC
9-1415018-1
SR6B4110
V23050-A1110-A542
4 NO + 2 NC
1-1393260-3
SR6C4110
V23050-A1110-A551
5 NO + 1 NC
5-1415019-1
1200 mW version


Similar Part No. - SR6_09

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR600 LUMINIS-SR600 Datasheet
299Kb / 4P
   Ceiling surface mounting
logo
MIC GROUP RECTIFIERS
SR610 MIC-SR610 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR6100CK RECTRON-SR6100CK Datasheet
107Kb / 4P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 6.0 Amperes
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Gaomi Xinghe Electronic...
SR620 GXELECTRONICS-SR620 Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR6_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
   Safety Relay SR6 D/M
SR6Z MACOM-SR6Z_05 Datasheet
131Kb / 2P
   Safety Relay on DIN-rail SR6 Z
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
   Force Guided Relay SR6 A/B/C/V
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com