Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS13-1Y Datasheet(PDF) 3 Page - Tyco Electronics

Part # DS13-1Y
Description  DS13 Series High Performance Solid State Relays For Loads Up To 2A@60Vdc
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS13-1Y Datasheet(HTML) 3 Page - Tyco Electronics

  DS13-1Y Datasheet HTML 1Page - Tyco Electronics DS13-1Y Datasheet HTML 2Page - Tyco Electronics DS13-1Y Datasheet HTML 3Page - Tyco Electronics DS13-1Y Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - DS13-1Y

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS1300-3 ASTEC-DS1300-3 Datasheet
274Kb / 4P
   1300 Watts 12V Distributed Power System
logo
Emerson Network Power
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
   Distributed Power System
logo
Power-One
DS1301-7R POWER-ONE-DS1301-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
More results

Similar Description - DS13-1Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
DS9-1W MACOM-DS9-1W Datasheet
125Kb / 2P
   AC solid state relay for loads up to 1A @ 250Vrms (2A with heatsink)
JPS10-1Y MACOM-JPS10-1Y Datasheet
65Kb / 2P
   JPS10 Series High Performance Solid State Relays
PS12-1Y MACOM-PS12-1Y Datasheet
98Kb / 2P
   PS12 Series High Performance Solid State Relays
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
   2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
logo
PHOENIX CONTACT
101810 PHOENIX-101810 Datasheet
150Kb / 4P
   Miniature Relays With PDT for Loads up to 6 A
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
logo
Teledyne Technologies I...
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com