Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS0300L48R7GB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LPS0300L48R7GB
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS0300L48R7GB Datasheet(HTML) 3 Page - Vishay Siliconix

  LPS0300L48R7GB Datasheet HTML 1Page - Vishay Siliconix LPS0300L48R7GB Datasheet HTML 2Page - Vishay Siliconix LPS0300L48R7GB Datasheet HTML 3Page - Vishay Siliconix LPS0300L48R7GB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 50052
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 09-Jun-10
63
LPS 300
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
Vishay Sfernice
OVERLOADS
In any case the applied voltage must be lower than UL = 5000 V.
Short time overload: 4 x Pn/10 s
Accidental overload: The values indicated on the following
graph are applicable to resistors in air or mounted onto a
heatsink.
ENERGY CURVE
POWER RATING
The temperature of the case should be maintained within the
limits specified in the following figure.
To optimize the thermal conduction, contacting surfaces
should be coated with silicone grease or thermal film, and
heatsink mounting screws tightened to 2 Nm.
MARKING
Series, style, ohmic value (in
Ω), tolerance (in %),
manufacturing date, Vishay Sfernice trademark.
OVERLOAD DURATION IN s
10 000
1000
100
10
1
0.1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
BOTTOM CASE TEMPERATURE IN °C
100
80
60
40
20
0
0
50
100
150
200
85
120
PACKAGING
Box of 15 units
ORDERING INFORMATION
LPS
300
100 k
Ω
± 1 %
xxx
BO15
e
MODEL
STYLE
RESISTANCE
VALUE
TOLERANCE
± 1 %
± 2 %
± 5 %
± 10 %
CUSTOM
DESIGN
Optional
on request:
Special TCR,
shape etc.
PACKAGING
LEAD (Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
DIELECTRIC
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
LPS 300
L = Dielectric
strength 7 kV
H = Dielectric
strength 12 kV
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow. R
designates decimal point.
48R7 = 48.7
Ω
47R0 = 47
Ω
1001 = 1 k
Ω
4R70 = 4.7
Ω
R240 = 0.24
Ω
F = 1 %
G = 2 %
J = 5 %
K = 10 %
B = Box 15 pieces
N = Box 15 pieces N/A
(1 to 14 pieces by box)
As applicable
ZAx
30
0
H
47
R
J
S
0
P
0B
L


Similar Part No. - LPS0300L48R7GB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
   MEMS pressure sensor 300-1100 mbar absolute digital output barometer
LPS001WPTR STMICROELECTRONICS-LPS001WPTR Datasheet
377Kb / 30P
   MEMS pressure sensor 300-1100 mbar absolute digital output barometer
logo
Bourns Electronic Solut...
LPS0600AJR-S BOURNS-LPS0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
logo
Vishay Siliconix
LPS0800H1JB VISHAY-LPS0800H1JB Datasheet
143Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
logo
Bourns Electronic Solut...
LPS0900AJR-S BOURNS-LPS0900AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
More results

Similar Description - LPS0300L48R7GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
RPS500 VISHAY-RPS500_15 Datasheet
91Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com