Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90USB82-16MU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # 90USB82-16MU
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
Download  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

90USB82-16MU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button 90USB82-16MU Datasheet HTML 7Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 8Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 9Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 10Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 11Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 12Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 13Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 14Page - ATMEL Corporation 90USB82-16MU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 306 page
background image
11
7707E–AVR–11/08
AT90USB82/162
4.5
General Purpose Register File
The Register File is optimized for the AVR Enhanced RISC instruction set. In order to achieve
the required performance and flexibility, the following input/output schemes are supported by the
Register File:
• One 8-bit output operand and one 8-bit result input
• Two 8-bit output operands and one 8-bit result input
• Two 8-bit output operands and one 16-bit result input
• One 16-bit output operand and one 16-bit result input
Figure 4-2 shows the structure of the 32 general purpose working registers in the CPU.
Figure 4-2.
AVR CPU General Purpose Working Registers
Most of the instructions operating on the Register File have direct access to all registers, and
most of them are single cycle instructions.
As shown in Figure 4-2, each register is also assigned a data memory address, mapping them
directly into the first 32 locations of the user Data Space. Although not being physically imple-
mented as SRAM locations, this memory organization provides great flexibility in access of the
registers, as the X-, Y- and Z-pointer registers can be set to index any register in the file.
4.5.1
The X-register, Y-register, and Z-register
The registers R26..R31 have some added functions to their general purpose usage. These reg-
isters are 16-bit address pointers for indirect addressing of the data space. The three indirect
address registers X, Y, and Z are defined as described in Figure 4-3.
Figure 4-3.
The X-, Y-, and Z-registers
7
0
Addr.
R0
0x00
R1
0x01
R2
0x02
R13
0x0D
General
R14
0x0E
Purpose
R15
0x0F
Working
R16
0x10
Registers
R17
0x11
R26
0x1A
X-register Low Byte
R27
0x1B
X-register High Byte
R28
0x1C
Y-register Low Byte
R29
0x1D
Y-register High Byte
R30
0x1E
Z-register Low Byte
R31
0x1F
Z-register High Byte
15
XH
XL
0
X-register
7
0
7
0
R27 (0x1B)
R26 (0x1A)
15
YH
YL
0


Similar Part No. - 90USB82-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
90USB82-16MU ATMEL-90USB82-16MU Datasheet
2Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash
logo
List of Unclassifed Man...
90USB82-16MU ETC1-90USB82-16MU Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
More results

Similar Description - 90USB82-16MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB162-16AU ATMEL-AT90USB162-16AU Datasheet
3Mb / 307P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90USB82 ATMEL-AT90USB82 Datasheet
2Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2 Datasheet
5Mb / 314P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com