Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT2272-M4 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part No. PT2272-M4
Description  Remote Control Decoder 
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272-M4 Datasheet(HTML) 6 Page - Princeton Technology Corp

  PT2272-M4 Datasheet HTML 1Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 2Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 3Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 4Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 5Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 6Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 7Page - Princeton Technology Corp PT2272-M4 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Decoder
PT 2272
PT2272 v 3.4
Page 6
Revised August 1999
PT2272 (4 Data) IR Application Circuit
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
1M Ohm
560 Ohms x 4
LED x 5
Receiver
5V
10K Ohms
NPN
PT2272-L4
560 Ohms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PT2271A Remote Control Decoder  1  2  3  4  5  More Princeton Technology Corp
UPC2800A PREAMPLIFIER FOR INFRARED REMOTE CONTROL 1  2  3  4  5  More NEC
M145026 REMOTE CONTROL ENCODER/DECODER CIRCUIT 1  2  3  4  5  More STMicroelectronics
TSOP1230CB1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1330TB1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1730SF1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1830SI1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP2130YA1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP2830SB1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP4830TE1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn