Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSJ0XSS60 Datasheet(PDF) 5 Page - Tyco Electronics

Part # PSJ0XSS60
Description  The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PSJ0XSS60 Datasheet(HTML) 5 Page - Tyco Electronics

  PSJ0XSS60 Datasheet HTML 1Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 2Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 3Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 4Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 5Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 6Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 7Page - Tyco Electronics PSJ0XSS60 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
136
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
P Series
CORCOM Product Guide
The CHAMELEON Adaptable Module for General, High Performance or
Medical Applications (Continued)
Specifications
Maximum leakage current, each line-to-ground: †
H & L Models
S & Z Models
@ 120 VAC 60 Hz:
2
µA
.25 mA
@ 250 VAC 50 Hz:
5
µA
.50 mA
†Applies to Filtered models only
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VAC
Operating frequency:
50/60 Hz
Rated voltage:
250 VAC
Operating voltages:
Selectable or Fixed
115/230 VAC
Rated current:
Unfiltered – 10A
Filtered – 3, 6 or 10A
Switch:
Double-insulated, rated
for 10,000 operations at full load at
51 Amp inrush current.
Fuseholder:
Accepts one or two fuses
1/4 x 1-1/4 or 5 x 20 mm
Conversion clip provided on fuseholder
for single fuse models.
Terminals:
Standard versions:
.187 x 0.032
[4.8 x .81] terminal tabs
High performance versions:
.250 x 0.032
[6.4 x .81] terminal tabs
Recommended for use with mating connector - no solder
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.03
.1
.15
.5
1
3
5
10
30
H Models
03A
7
17
21
27 30
29
26
23
15
06A
-
8
11
15 17
19
18
16
13
10A
3
5
8
10 12
11
11
10
10
S Models
03A
7
17
21
27 33
40
44
50
32
06A
-
8
12
17 23
32
36
44
30
10A
-
3
5
10 13
23
27
35
27
Current
Frequency-MHz
Rating
.01
.05
.1
.15 .5
1
5
10
30
Z Models
06A
8
21
27
30 37
43
49
52
42
10A
5
17
22
24 27
32
52
47
40
L Models
06A
8
21
27
29 34
35
25
21
16
10A
5
17
22
23 24
25
21
18
14
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.10
.15
.5
1
3
5
10
30
H Models
03A
2
4
12 18
31
40
48
41
06A
2
4
12 16
26
35
40
35
10A
2
4
12 16
26
33
40
32
S Models
03A
2
4
12 15
30
48
50
45
06A
2
4
12 15
22
42
55
45
10A
2
4
12 15
22
42
55
45
Current
Frequency-MHz
Rating
.01
.05
.1
.15 .5
1
5
10
30
Z Models
06A
10
15
34
44 75
75
75
70
60
10A
10
20
20
35 67
75
75
70
60
L Models
06A
10
15
34
44 75
75
75
70
60
10A
10
20
20
35 67
75
75
70
60
S Model
H Model
LINE
LOAD
L Model
LINE
LOAD
Z Model
Electrical Schematics


Similar Description - PSJ0XSS60

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D Datasheet
64Kb / 2P
   The CHAMELEON Adaptable Module for General Purpose, DC Applications
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
3EHZ1 MACOM-3EHZ1 Datasheet
272Kb / 2P
   High Performance Power Line Filter for Medical Applications
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
Tyco Electronics
3EHZ1 MACOM-3EHZ1_11 Datasheet
312Kb / 3P
   High Performance Power Line Filter for Medical Applications
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
   Chameleon ADU
logo
Abracon Corporation
ASTMHT ABRACON-ASTMHT Datasheet
5Mb / 14P
   High temperature applications for Industrial, medical
06.17.2016
logo
NXP Semiconductors
MC56F823XX NXP-MC56F823XX_V01 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com