Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ45-6LC2-S Datasheet(PDF) 1 Page - Tyco Electronics

Part # RJ45-6LC2-S
Description  Filtered Modular Jacks with Enhanced Performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RJ45-6LC2-S Datasheet(HTML) 1 Page - Tyco Electronics

  RJ45-6LC2-S Datasheet HTML 1Page - Tyco Electronics RJ45-6LC2-S Datasheet HTML 2Page - Tyco Electronics RJ45-6LC2-S Datasheet HTML 3Page - Tyco Electronics RJ45-6LC2-S Datasheet HTML 4Page - Tyco Electronics RJ45-6LC2-S Datasheet HTML 5Page - Tyco Electronics RJ45-6LC2-S Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Filtered Modular Jacks with Enhanced Performance
177
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
LC Series
CORCOM Product Guide
Capacitance components enhance the filtering
performance in the LC models. Available with block or
sleeve inductance, the additional chip capacitors provide
additional filtering on each line. The series features shields
with a board ground or spring finger panel interface.
Specifications
Contacts:
Material:
Phosphor Bronze
Plating:
50 microinches gold
Barrier underplating:
100 microinches nickel
Resistance:
Initial:
20 milliohms max.
After durability testing:
30 milliohms max.
(500 mating cycles)
Capacitors:
Type:
Monolithic ceramic chip
Standard value:
820 pF
Standard tolerance:
±20%
Ferrites:
Type:
High resistivity, nickel zinc ceramic
Sleeves:
Single-aperture cylinders
Block:
Multi-aperture rectangular prism
Shield Material:
Tin-plated copper alloy
Housing Material:
Glass-filled polyester (UL94V-0)
Dielectric Withstanding Voltage:
Line-to-line and line-to-ground
1000 VAC for
60 seconds
Printed Circuit Board Retention:
Before soldering:
1 lb. minimum
After soldering:
20 lb. minimum
Model dimensions and PC board layout on pages 170 to 174.
LC Series
Typical insertion loss in dB:
Line-to-ground (stop band) in a 50 ohm circuit
Frequency-MHz
30
60
80
100
200
500 1000
Ferrite
28
40
51
40
27
24
22
Sleeves
Ferrite
30
41
59
40
31
28
24
Blocks
Typical insertion loss in dB:
Line-to-line (pass band) in a 50 ohm circuit
Frequency-MHz
2
5
10
30
50
70
100
Ferrite
4
8
18
24
30
40
Sleeves
Ferrite
1
8
11
21
28
33
37
Blocks
Part Numbers
RJ11-2LC1-S
RJ11-6LC2-S
RJ11-2LC1-B
RJ11-6LC2-B
RJ11-2LC2-S
RJ45-6LC1-S
RJ11-2LC2-B
RJ45-6LC1-B
RJ11-4LC1-S
RJ45-6LC2-S
RJ11-4LC1-B
RJ45-6LC2-B
RJ11-4LC2-S
RJ45-8LC1-S
RJ11-4LC2-B
RJ45-8LC1-B
RJ11-6LC1-S
RJ45-8LC2-S
RJ11-6LC1-B
RJ45-8LC2-B
UL Recognized
CSA Certified
Shield 2
RJ11
Shield 1
RJ11
Shield 2
RJ45
Shield 1
RJ45
Typical insertion loss in dB:
Line-to-ground (stop band) in a 50 ohm circuit
Frequency-MHz
30
60
80
100
200
500 1000
Ferrite
28
40
51
40
27
24
22
Sleeves
Ferrite
30
41
59
40
31
28
24
Blocks


Similar Part No. - RJ45-6LC2-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ45-6LC2-S ETC1-RJ45-6LC2-S Datasheet
32Kb / 1P
   TYPICAL INSERTION LOSS IN DB LINE-TO-GROUND (STOP BAND) IN A 50 OHM CIRCUIT
logo
Tyco Electronics
RJ45-6LC2-S MACOM-RJ45-6LC2-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
TE Connectivity Ltd
RJ45-6LC2-S TEC-RJ45-6LC2-S Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
RJ45-6LC2-S TEC-RJ45-6LC2-S Datasheet
285Kb / 6P
   Low Capacitance Modular RJ Jacks
RJ45-6LC2-S TEC-RJ45-6LC2-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
More results

Similar Description - RJ45-6LC2-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RJ11-2LC1-S MACOM-RJ11-2LC1-S_11 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
TE Connectivity Ltd
RJ11-2LC1-S TEC-RJ11-2LC1-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
LC TEC-LC_V01 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
TE Connectivity Ltd
LCT TEC-LCT Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B_11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1_13 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com