Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EXM1S Datasheet(PDF) 7 Page - Tyco Electronics

Part # 3EXM1S
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EXM1S Datasheet(HTML) 7 Page - Tyco Electronics

  3EXM1S Datasheet HTML 1Page - Tyco Electronics 3EXM1S Datasheet HTML 2Page - Tyco Electronics 3EXM1S Datasheet HTML 3Page - Tyco Electronics 3EXM1S Datasheet HTML 4Page - Tyco Electronics 3EXM1S Datasheet HTML 5Page - Tyco Electronics 3EXM1S Datasheet HTML 6Page - Tyco Electronics 3EXM1S Datasheet HTML 7Page - Tyco Electronics 3EXM1S Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
130
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
Case Dimensions
AB
C
D
E
F
G
Part No.
(max)
±0.01
(max) (max) (max)
±0.038
3EXM1S
4.17
3.62
1.14
3.22
1.72
3.28 3.3
3EZM1S
105.9 91.9
29.0
81.8
43.7
83.8 83.8
3EXM4
3.88
3.32
1.14
2.92
1.72
2.98 2.99
3EZM4
98.6
84.3
29.0
74.2
43.7
75.7 75.9
3EXM4S
4.65
4.1
1.14
3.72
1.72
3.76 3.8
3EZM4S
118.1 104.1
29.0
94.5
43.7
95.5 96.5
5EFM1
3.39
2.84
1.14
2.44
2.19
2.5
5EHM1
86.1
72.1
29.0
62.0
55.6
63.5
5EFM1C
2.56
1.14
2.44
2.19
2.49
65.0
29.0
62.0
55.6
63.2
5EFM1S
4.17
3.62
1.14
3.22
2.19
3.28
5EHM1S
105.9 91.9
29.0
81.8
55.6
83.3
5EFM1SC
3.34
1.14
3.27
2.19
3.27
84.8
29.0
83.1
55.6
83.1
5EFM4
3.88
3.32
1.14
2.92
2.19
2.98
5EHM4
98.6
84.3
29.0
74.2
55.6
75.7
5EFM4C
3.04
1.14
2.92
2.19
2.97
77.2
29.0
74.2
55.6
75.4
5EFM4S
4.65
4.1
1.14
3.7
2.19
3.76
5EHM4S
118.1 104.1
29.0
94.0
55.6
95.5
5EFM4SC
3.82
1.14
3.7
2.19
3.75
97.0
29.0
94.0
55.6
95.3
6VM1
3.39
2.84
1.14
2.44
1.45
2.5
86.1
72.1
29.0
62.0
36.8
63.5
6VM1C
2.56
1.14
2.44
1.45
2.5
86.1
29.0
62.0
36.8
63.2
6VM1S
4.17
3.62
1.14
3.22
1.45
3.28
105.9 91.9
29.0
81.8
36.8
83.3
6VM1SC
3.34
1.14
3.27
1.45
3.27
84.8
29.0
83.1
36.8
83.1
6VM2
3.88
3.32
1.14
2.92
1.45
2.98
6VM4
98.6
84.3
29.0
74.2
36.8
75.7
6VM4C
3.04
1.14
2.92
1.45
2.97
98.6
29.0
74.2
36.8
75.4
6VM2S
4.65
4.1
1.14
3.72
1.45
3.76
6VM4S
118.1 104.1
29.0
94.5
36.8
95.5
6VM4SC
3.82
1.14
3.7
1.45
3.75
97.0
29.0
94.0
36.8
95.3
5EFM4SC (IEC Connector, DPST On/Off Switch, Voltage
Selector, Selectable Fuseholder)
100V
120V
230V
240V
C
E
A
D
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
Recommended Panel Cutout
F
B
.170
Dia.
4.32
.175
4.45
0.13
R
3.30
.570
14.5
1.145
29.08
1.88 + .020
47.8 + .508
1.13 + .020
28.7 + .508
1.17 + .020
29.7 + .508
*Blind insert
XM and ZM
Models only
*4S Models
*1S & 4 models
Holes (2)
Note: Snap-in models allow front mount only.
XM and ZM models allow back mount only.
FM and HM models allow front or back mounting.
Accessories for M series include interconnection assembly, medical standoff
bracket, voltage selector cards, and insulating shroud. See page 142.
All mounting holes countersunk.
Case Styles - Filtered Models (cont'd)


Similar Part No. - 3EXM1S

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3EXM1S TEC-3EXM1S Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
More results

Similar Description - 3EXM1S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com