Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159DCKRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159DCKRE4
Description  1-R SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159DCKRE4 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A3159DCKRE4 Datasheet HTML 1Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 2Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 3Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 4Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 5Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 6Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 7Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 8Page - Texas Instruments TS5A3159DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174B − AUGUST 2004 – REVISED MAY 2005
www.ti.com
5
Electrical Characteristics for 3.3-V Supply
V+ = 3 V to 3.6 V and TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
Analog signal range
VCOM,
VNO,VNC
0
V+
V
Peak
rpeak
0
≤ VNO or VNC ≤ V+,
Switch ON,
25
°C
3 V
1.35
2.1
Peak
ON-state resistance
rpeak
0
≤ VNO or VNC ≤ V+,
ICOM = −24 mA,
Switch ON,
See Figure 11
Full
3 V
2.1
ON-state resistance
ron
VNO or VNC = 2 V,
Switch ON,
25
°C
3 V
1.15
1.5
ON-state resistance
ron
VNO or VNC = 2 V,
ICOM = −24 mA,
Switch ON,
See Figure 11
Full
3 V
1.5
ON-state resistance
match between
channels
∆ron
VNO or VNC = 2 V, 0.8 V,
ICOM = −24 mA,
Switch ON,
See Figure 11
25
°C
3 V
0.11
ON-state resistance
ron(flat)
0
≤ VNO or VNC ≤ V+,
ICOM = −24 mA,
Switch ON,
25
°C
3 V
0.225
ON-state resistance
flatness
ron(flat)
VNO or VNC = 2 V, 0.8 V,
ICOM = −24 mA,
Switch ON,
See Figure 11
25
°C
3 V
0.25
NC, NO
INC(OFF),
VNC or VNO = 3 V,
Switch OFF,
25
°C
3.6 V
0.2
nA
NC, NO
OFF leakage current
INC(OFF),
INO(OFF)
VNC or VNO = 3 V,
VCOM = 0,
Switch OFF,
See Figure 12
25
°C
3.6 V
0.2
nA
NC, NO
INC(ON),
VNC or VNO = 3 V,
Switch ON,
25
°C
3.6 V
2.8
nA
NC, NO
ON leakage current
INC(ON),
INO(ON)
VNC or VNO = 3 V,
VCOM = Open,
Switch ON,
See Figure 13
25
°C
3.6 V
2.8
nA
COM
ICOM(ON)
VNC or VNO = 3 V or Open,
Switch ON,
25
°C
3.6 V
0.47
nA
COM
ON leakage current
ICOM(ON)
VNC or VNO = 3 V or Open,
VCOM = 3 V,
Switch ON,
See Figure 13
25
°C
3.6 V
0.47
nA
Digital Inputs (IN)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage current
IIH, IIL
VIN = 5.5 V or 0
Full
3.6 V
−1
1
µA
(1) TA = 25°C


Similar Part No. - TS5A3159DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159DCKR TI-TS5A3159DCKR Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com