Electronic Components Datasheet Search |
|
CNS-DTP-ALL-42-A Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd. |
|
CNS-DTP-ALL-42-A Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd. |
1 / 2 page Trading Division Card Connectors SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Card Connectors SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Connectors A-48 Series CNS PCMCIA II Slot - Double Deck (SMT Type) Specifications Insulation Resistance: 1,000M Ω min. Withstanding Voltage: 500V ACrms for 1 minute Contact Resistance: 40m Ω max. Current Rating: 0.5A per contact Soldering Temp.: Rear socket: 220°C / 40 sec., 240°C peak Materials and Finish Insulator: PBT, glass filled (UL94V-0) Contact: Phosphor Bronze Plating:- Header: Card side - Au 0.3µm over Ni 2.0µm Rear side - Au flash over Ni 2.0µm Rear Socket: Mating side - Au 0.2µm over Ni 1.0µm Solder side - Au flash over Ni 1.0µm Plate: Stainless Steel Side Contact: Phosphor Bronze Plating: Au over Ni Features SMT connector makes assembly and rework easier Small, light and low profile connector meets all kinds of PC card system requirements Various product combinations single or double deck, right or left eject lever, polarization styles, various stand-off heights, fully supports the customer’s design needs Convenience of PC card removal with push type eject leve PCMCIA - 1088 - * Part Number (Details) for Rear Socket Packing Number Available Types 1 = With Kapton Film (Tray) 9 = With Kapton Film (Tape & Reel) Rear Socket Connector CNS - D T P - A RR - 1 3 - A -1 Part Number (Details) *Stand-off products 0.0 and 2.2mm are subject to a minimum order quantity of 1,120 pcs. Series D = Double Deck PCB Mounting Style: T = Top B = Bottom Voltage Style: P = 3.3V / 5V Card A = Plastic Lever B = Metal Lever C = Foldable Lever D = 2 Step Lever E = Without Ejector Eject Lever Positions: RR = Top Right / Bottom Right RL = Top Right / Bottom Left LL = Top Left / Bottom Left LR = Top Left / Bottom Right *Height of Stand-off: 1 = 0mm 4 = 2.2mm 8 = 5.0mm Nut Insert: 0 = None (on request) 1 = Header (on request) 2 = Guide (on request) 3 = Header / Guide (standard) Shield Plate:A = None B = Top C = Bottom D = Top / Bottom Kapton Film: no mark = None 1 = Top 2 = Bottom 3 = Top and Bottom |
Similar Part No. - CNS-DTP-ALL-42-A |
|
Similar Description - CNS-DTP-ALL-42-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |