Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2256-S Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2256-S
Description  Electronic Volume Controller IC??????
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256-S Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2256-S Datasheet HTML 1Page - Princeton Technology Corp PT2256-S Datasheet HTML 2Page - Princeton Technology Corp PT2256-S Datasheet HTML 3Page - Princeton Technology Corp PT2256-S Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Electronic Volume Controller IC
PT2256
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2256 v1.3
4
Updated Sept. 2000
APPLICATION CIRCUIT
(Including Loudness but No Backup Circuit)
L-C h O utput
R-Ch O utpu t
R -Ch Input
L-C h Inp ut
Rx
Cx
8.2nF
8.2nF
820 O h m s
820 O h m s
820 O h m s
820 O h m s
820 O h m s
100
Note: Modifying the values of Rx and Cx affects the Oscillator Frequency of the IC. If the Fosc value is
big, then the volume control change is fast. Likewise, if the Fosc value is small, the volume control
change is slow. It is suggested that Rx= 33K, Cx = 2.2uF. The table for the Rx, Cx and Fosc values are
given below.
x
Rx
Cc
s
o
Fx
Rx
Cc
s
o
F
K
3
3F
u
0
.
1z
H
1
.
4
3K
3
3F
u
0
.
1z
H
1
.
4
3
K
3
3F
u
2
.
2z
H
8
.
7
1K
1
5F
u
0
.
1z
H
7
.
2
2
K
3
3F
u
0
1z
H
4
.
3K
0
0
1F
u
0
.
1z
H
8
.
1
1


Similar Part No. - PT2256-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2256-S PTC-PT2256-S Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2256-SL PTC-PT2256-SL Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2256-SN PTC-PT2256-SN Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2256-SNL PTC-PT2256-SNL Datasheet
394Kb / 21P
   Electronic Volume Controller IC
More results

Similar Description - PT2256-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com