Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6VJ1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6VJ1
Description  Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for General Purpose Applications for UL544 Health Care Equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VJ1 Datasheet(HTML) 1 Page - Tyco Electronics

  6VJ1 Datasheet HTML 1Page - Tyco Electronics 6VJ1 Datasheet HTML 2Page - Tyco Electronics 6VJ1 Datasheet HTML 3Page - Tyco Electronics 6VJ1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for
General Purpose Applications for UL544 Health Care Equipment
The most widely accepted of all the power entry modules,
the J series combines an IEC connector, 2-voltage, or 4-
voltage selection, and a North American fuseholder. It
features a compact snap-in design and a unique voltage
selector card.
J4 Models - This general purpose filter provides
susceptibility protection from line-to-ground noise on the
power line and acts as a high frequency “clean-up” filter for
more complex emissions applications.
HJ4 Models - This medical filter provides susceptibility
protection without the leakage current associated with line-
to-ground capacitors. Designed to allow equipment to
meet UL544 medical specifications for patient care and
non-patient care equipment, the HJ filter has a maximum
leakage current of 2µA at 120 VAC 60 Hz. See Appendix
C for more information on medical applications and UL
standards.
Equipment rating labels and mounting clips for thicker
panel widths are available as accessories.
For more information on UL544 specifications, see
Appendix C.
Note: When using the models with an IEC connector,
remember that the leakage current of the companion line
cord, GA400, is more significant than that of the filter -
which may disqualify this line cord from use in patient care
applications.
114
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
J Series
J Series
CORCOM Product Guide
UL Recognized
CSA Certified
6J4/6J4-2
Terminal View
Front View, All Models
6HJ4-1/6HJ4-2
Terminal View
Voltage Selection
Unfiltered and Filtered Models
Open cover door and rotate fuse-pull lever to left. Select
operating voltage by orienting voltage selection card,
desired voltage on top left side. Push card firmly into
module slot. Rotate fuse-pull lever back into normal
position and re-insert fuse into holders. Use caution in
selecting correct fuse value.
Unfiltered Models
Available Voltage Selection
Part Number
Positions
6VJ1
4
6VJ1-2
2
Unfiltered Models
Available Voltage
Part Number
Selection
RFI Filter
Positions
Type
6VJ4
4
General Purpose
1
6J4-2
2
General Purpose1
6HJ4-4
4
Medical2
6HJ4-2
2
Medical2
Note 1: General purpose filter for susceptibility applications
Note 2: Medical line filter for very low leakage UL544 health care requirements


Similar Part No. - 6VJ1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VJ1 MACOM-6VJ1 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
TE Connectivity Ltd
6VJ1 TEC-6VJ1 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
Tyco Electronics
6VJ1-2 MACOM-6VJ1-2 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
TE Connectivity Ltd
6VJ1-2 TEC-6VJ1-2 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
logo
Tyco Electronics
6VJ1 MACOM-6VJ1_11 Datasheet
278Kb / 3P
   Power Entry Module with Voltage Selection and Fusing
More results

Similar Description - 6VJ1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EAH1 MACOM-1EAH1 Datasheet
301Kb / 2P
   For UL544 Health Care Equipment
logo
Total Power Internation...
TPHBU31 TOTAL-POWER-TPHBU31 Datasheet
272Kb / 2P
   Medical Power Supplies For Health Care Applications
logo
Astrodyne Corporation
AHP6301 ASTRODYNE-AHP6301 Datasheet
1Mb / 6P
   63W Medical Power Adapters for Health Care Applications
logo
Tyco Electronics
3EXM1S MACOM-3EXM1S Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
MPS Industries, Inc.
MPU60A MPSIND-MPU60A Datasheet
174Kb / 2P
   763W Desk Top Swithching Power Supplies For health Care Applications
HPU63B MPSIND-HPU63B Datasheet
231Kb / 2P
   63W Desk Top Swithching Power Supplies For health Care Applications
HPU63A MPSIND-HPU63A Datasheet
312Kb / 2P
   63W Desk Top Swithching Power Supplies For health Care Applications
logo
Tyco Electronics
6EL1S MACOM-6EL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
MPS Industries, Inc.
HBU60 MPSIND-HBU60 Datasheet
366Kb / 2P
   60W Open frame type medical power supplies for health care applications
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
   30W Desk top type medical power supplies for health care applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com