Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2253B-D Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2253B-D
Description  Electronic Volume Controller IC?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2253B-D Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2253B-D Datasheet HTML 1Page - Princeton Technology Corp PT2253B-D Datasheet HTML 2Page - Princeton Technology Corp PT2253B-D Datasheet HTML 3Page - Princeton Technology Corp PT2253B-D Datasheet HTML 4Page - Princeton Technology Corp PT2253B-D Datasheet HTML 5Page - Princeton Technology Corp PT2253B-D Datasheet HTML 6Page - Princeton Technology Corp PT2253B-D Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Electronic Volume Controller IC
PT2253B
PT2253B v 1.7
Page 1
Revised October 1999
DESCRIPTION
PT2253B is an electronic volume controller IC utilizing CMOS Technology
specially designed for use on audio equipment. It has two (2) built-in channels
making it ideally suitable for mono and stereo sound applications. PT2253B
provides a wide frequency response range and a very low harmonic distortion to
mention a few; thereby guaranteeing a highly effective and reliable performance.
FEATURES
!
CMOS Technology
!
Low Power Consumption
!
Operating Voltage Range : Vcc = 4 ~ 12 V
(Backup Voltage is up to 4 V)
!
0dB to -68dB attenuation controlled by 2dB/step
!
2 Channels in each chip
!
Capable to control attenuation by a built-in oscillator and Up/Down Pin
!
Single Power Supply or Dual Power Supplies of (+) and (-) can be used
!
Wide Frequency Response Range
!
Very Low Harmonic Distortion
!
Available in 16 pins, DIP or SO Package
APPLICATIONS
! Audio Equipment Volume Control
! Traditional VR Replacement


Similar Part No. - PT2253B-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2253A-S PTC-PT2253A-S Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
More results

Similar Description - PT2253B-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com