Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03VDK3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 03VDK3
Description  Enhanced Performance K Series RFI Power Line Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

03VDK3 Datasheet(HTML) 2 Page - Tyco Electronics

  03VDK3 Datasheet HTML 1Page - Tyco Electronics 03VDK3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
Enhanced Performance K Series RFI Power Line Filters (Continued)
Case Styles
Case Dimensions
A
B
C
DE
Part No.
(max)
(max)
(max)
±.015
(max)
±.38
1VDK1, 1EDK1
3.35
2.07
1.16
2.375
2.81
85.1
52.6
29.5
60.33
71.4
1VDK3, 1EDK3
2.07
2.07
1.16
2.375
2.81
52.6
52.6
29.5
60.33
71.4
3VDK1, 3EDK1,
3.85
2.07
1.16
2.938
3.35
6VDK1, 6EDK1
97.8
52.6
29.5
74.63
85.1
3VDK3, 3EDK3,
2.56
2.07
1.16
2.938
3.35
6VDK3, 6EDK3
65.0
52.6
29.5
74.63
85.1
10VDK1,
3.85
2.07
1.32
2.938
3.35
10EDK1
97.8
52.6
33.5
74.63
85.1
10VDK3,
2.57
2.07
1.32
2.938
3.35
10EDK3
65.3
52.6
33.5
74.63
85.1
20VDK1,
3.85
2.58
1.78
2.938
3.35
20EDK1
97.8
65.5
45.2
74.63
85.1
20VDK6
3.46
2.58
1.78
2.938
3.35
87.9
65.5
45.2
74.63
85.1
23
DK Series
CORCOM Product Guide
VDK1/EDK1
VDK3/EDK3
20VDK1/20EDK1
20VDK6
E
D
A
B
C
E
D
A
C
B
Green/Yellow
Blue
Brown
Blue
Brown
ED
A
B
C
ED
A
B
C
Terminals:
No. 8-32 (5)
Part Numbers
01VDK1
01EDK1
01VDK3
01EDK3
03VDK1
03EDK1
03VDK3
03EDK3
06VDK1
06EDK1
06VDK3
06EDK3
10VDK1
10EDK1
10VDK3
10EDK3
20VDK1
20EDK1
20VDK6
Torque 18± 2 in.lb.
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
Typical dimensions:
Wire Leads: 4.0 [101.6] (Min.)
Mounting Holes: .188 [4.78] Dia. (2)
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]


Similar Part No. - 03VDK3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
03VQ1 MACOM-03VQ1 Datasheet
104Kb / 2P
   Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
03VQ3 MACOM-03VQ3 Datasheet
104Kb / 2P
   Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
03VQ8 MACOM-03VQ8 Datasheet
104Kb / 2P
   Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
03VQ8M MACOM-03VQ8M Datasheet
104Kb / 2P
   Highest Performance RFI Filters for Switching Power Supply Emissions down to 10 kHz
More results

Similar Description - 03VDK3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VDK1 MACOM-1VDK1_11 Datasheet
176Kb / 3P
   Enhanced Differential Mode Performance K Series RFI Line Filters
3VSK1 MACOM-3VSK1_11 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com