Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT2241 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part No. PT2241
Description  Programmable Encoder IC 
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

PT2241 Datasheet(HTML) 3 Page - Princeton Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Programmable Encoder IC
PT2241
PT2241 v1.3
Page 3
Written August 1998
Princeton Technology Corp.
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Vss
S 1
V PG
N 3
D 3
N 2
D 2
PG M
S 0
V DD
D OU T
OS C
D 0/C LK
N 0/C O D E
D 1
N 1
RF
Rosc
12V
PT2241
+
_
Note: In order that IC protection is assured, please make sure that a diode is connected between the
battery and the VDD. If the diode is not connected and the battery polarity was inverted, the IC
will fail.
r
e
b
m
u
N
t
r
a
P
d
i
l
a
Ve
g
a
k
c
a
Ps
e
d
o
C
s
s
e
r
d
d
A
1
4
2
2
T
PP
I
D
,
s
n
i
P
8e
l
b
a
m
m
a
r
g
o
r
P
S
-
1
4
2
2
T
P)
l
i
m
0
5
1
(
P
O
S
,
s
n
i
P
8e
l
b
a
m
m
a
r
g
o
r
P
P
1
4
2
2
T
PP
I
D
,
s
n
i
P
8d
e
m
m
a
r
g
o
r
P
S
-
P
1
4
2
2
T
P)
l
i
m
0
5
1
(
P
O
S
,
s
n
i
P
8d
e
m
m
a
r
g
o
r
P
6
1
-
1
4
2
2
T
PP
I
D
,
s
n
i
P
6
1e
l
b
a
m
m
a
r
g
o
r
P
S
6
1
-
1
4
2
2
T
P)
l
i
m
0
5
1
(
P
O
S
,
s
n
i
P
6
1e
l
b
a
m
m
a
r
g
o
r
P
6
1
-
P
1
4
2
2
T
PP
I
D
,
s
n
i
P
6
1d
e
m
m
a
r
g
o
r
P
S
6
1
-
P
1
4
2
2
T
P)
l
i
m
0
5
1
(
P
O
S
,
s
n
i
P
6
1d
e
m
m
a
r
g
o
r
P
ORDER INFORMATION


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ED-15Programmable Encoder Decoder 1 2 3 4 5 MoreSupertex, Inc
UM3751PROGRAMMABLE ENCODER/DECODER 1 List of Unclassifed Manufacturers
COIC5130AProgrammable Reed-Solomon Error Correction Encoder and Decoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PT2240Programmable Encoder IC 1 2 3 4 Princeton Technology Corp
NE5044Programmable seven-channel RC encoder 1 2 3 4 5 MoreNXP Semiconductors
UM3750Programmable Encoder/Decoder 1 2 3 4 5 UMC Corporation
PT2282Programmable Rolling Code Encoder IC 1 2 3 Princeton Technology Corp
AS504512 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER 1 2 3 4 5 Moreams AG
UM3758TRi-STATE ProgrammaBle Encoder/Decoder 1 2 3 4 5 MoreUMC Corporation
AS5043PROGRAMMABLE 360° MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS 1 2 3 4 5 Moreams AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn