Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSB56LZB11D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB56LZB11D
Description  Super Flux Super Blue LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB56LZB11D Datasheet(HTML) 1 Page - OptoSupply International

  OSB56LZB11D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x S
Su
up
pe
er
r B
Bllu
ue
e L
LE
ED
D
OSB56LZB11D
■Features
Outline Dimension
High Luminous Super Flux Output
3 ø Standard Directivity
Long Lifetime Operation
Low Thermal Resistance
Superior Weather-Resistance
UV Resistant Epoxy
Water Clear Type
■Applications
Interior and exterior automotive lighting
(e.g. dashboard backlighting etc.)
Backlighting (Illuminated advertising, general lighting, etc)
Decorative Lighting
Other Lighting
0.76
2
5.08+0.2
1.5+0.1
5.08+0.3
2
3
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
■Absolute Maximum Rating
(Ta=25
)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
180
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260/ 5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
9
11
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=30mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
465
470
475
nm
Luminous Intensity*
Iv
IF=30mA
7000
8400
-
mcd
50% Power Angle
1/2
IF=30mA
-
15
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSB56LZB11D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB56LZ161D OPTOSUPPLY-OSB56LZ161D Datasheet
155Kb / 1P
   Super Flux Super Blue LED
OSB56LZ161D OPTOSUPPLY-OSB56LZ161D Datasheet
113Kb / 1P
   Super Flux Super Blue LED
OSB56LZ161D OPTOSUPPLY-OSB56LZ161D_11 Datasheet
113Kb / 1P
   Super Flux Super Blue LED
OSB56LZ161P OPTOSUPPLY-OSB56LZ161P Datasheet
154Kb / 1P
   Deluxe Power Super Flux Blue LED
OSB56LZ2C1D OPTOSUPPLY-OSB56LZ2C1D Datasheet
156Kb / 1P
   Super Flux Super Blue LED
More results

Similar Description - OSB56LZB11D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB56LZ3K1D OPTOSUPPLY-OSB56LZ3K1D Datasheet
154Kb / 1P
   Super Flux Super Blue LED
OSB56LZ161D OPTOSUPPLY-OSB56LZ161D Datasheet
155Kb / 1P
   Super Flux Super Blue LED
OSB56LZHA1D OPTOSUPPLY-OSB56LZHA1D Datasheet
155Kb / 1P
   Super Flux Super Blue LED
OSB5SAZ161D OPTOSUPPLY-OSB5SAZ161D Datasheet
105Kb / 1P
   Super Flux Super Blue LED
OSB56LZ4E1D OPTOSUPPLY-OSB56LZ4E1D_11 Datasheet
108Kb / 1P
   Super Flux Super Blue LED
OSB56LZ2C1D OPTOSUPPLY-OSB56LZ2C1D_11 Datasheet
112Kb / 1P
   Super Flux Super Blue LED
OSB5SAZ3K1D OPTOSUPPLY-OSB5SAZ3K1D Datasheet
98Kb / 1P
   Super Flux Super Blue LED
OSB5SAZ2C1D OPTOSUPPLY-OSB5SAZ2C1D Datasheet
102Kb / 1P
   Super Flux Super Blue LED
OSB5S3Z2C1P OPTOSUPPLY-OSB5S3Z2C1P Datasheet
100Kb / 1P
   Super Flux Super Blue LED
OSB56LZ4E1D OPTOSUPPLY-OSB56LZ4E1D Datasheet
153Kb / 1P
   Super Flux Super Blue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com