Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDC-24A Datasheet(PDF) 1 Page - Tyco Electronics

Part # IDC-24A
Description  IAC/OAC IDC/ODC Input/Output Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IDC-24A Datasheet(HTML) 1 Page - Tyco Electronics

  IDC-24A Datasheet HTML 1Page - Tyco Electronics IDC-24A Datasheet HTML 2Page - Tyco Electronics IDC-24A Datasheet HTML 3Page - Tyco Electronics IDC-24A Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1110
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
IAC/OAC
IDC/ODC
Input/Output Modules
File E81606 & E29244
File LR38595M77
Engineering Data (all I/O modules)
Switch Form: 1 Form A (SPST-NO)
Duty: Continuous.
Isolation: 4,000V rms, 60 Hz.
Capacitance: 8 pF Typical (input to output).
Operating Temperature: –30°C to +80°C.
Storage Temperature: –40°C to +85°C.
Potting Compound Flammability: UL94V-0.
Approximate Weight: 1.38 oz. (35g).
IAC-5
IAC-5A
IAC-5E
IAC-15
IAC-24
IDC-5
IDC-24
OAC-5
OAC-5A
OAC-5H
OAC-15
OAC-24
OAC-24A
ODC-5
ODC-5A
ODC-15
ODC-15A
ODC-24
Ordering Information
* * Is not polarity sensitive.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Features
• Industry standard package and pin-out.
• Color coded by function.
• 4,000V rms optical isolation.
• High immunity to false operation.
• Series compatible.
• Output modules can be controlled from sinking or sourcing logic.
• Compatible with 2IO series mounting boards.
Typical Part Number
B
OAC
-5
H
1. Basic Series:
IAC = AC input module - yellow case
IDC = DC input module - white case
OAC = AC output module - black case
ODC = DC output module - red case
2. Input or Logic Voltage:
5 = 5VDC
15 = 15VDC
24 = 24VDC
3. Options:
Blank = IAC Type
120VAC/VDC input (90-140VAC/VDC) * *
IDC Type
3.3-32VDC input * *
OAC Type —
3A, 24-280VAC, zero voltage turn-on output
ODC Type —
3A, 3-60VDC output
A
= IAC Type
240VAC/VDC input (180-280VAC/VDC) * *
OAC Type —
3A, 24-280VAC, zero voltage turn-on output
ODC Type —
1A, 3-250VDC output
IDC Type
10-60VDC input * *
E
= IAC Type
18-36VAC/VDC input * *
F
= IDC Type
4-32VDC input & fast turn-on & turn-off times * *
H
= OAC Type —
5A, 24-280VAC, zero voltage turn-on output
R
= OAC Type —
5A, 12-280VAC, random voltage turn-on output
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - IDC-24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDC-2512 VISHAY-IDC-2512 Datasheet
26Kb / 1P
   High Current, Surface Mount Inductor
Revision 25-Jun-03
IDC-2512 VISHAY-IDC-2512 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
IDC-2512 VISHAY-IDC-2512 Datasheet
102Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
Revision: 21-Apr-17
IDC-2512 VISHAY-IDC-2512 Datasheet
99Kb / 2P
   High Current, Surface Mount Inductors - Non-ShieldedS
01-Jan-2022
IDC-2512ER100M VISHAY-IDC-2512ER100M Datasheet
100Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
More results

Similar Description - IDC-24A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-9 MACOM-2-1393028-9 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
   Input/Output Modules
logo
Tyco Electronics
2-1393028-3 MACOM-2-1393028-3 Datasheet
77Kb / 4P
   Input/Output Modules
logo
Filtran LTD
8485 FILTRAN-8485 Datasheet
222Kb / 1P
   ISDNS-Bus Input/Output Modules
logo
Tyco Electronics
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com