Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWS4824 Datasheet(PDF) 1 Page - Power-One

Part # XWS4824
Description  High Power Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XWS4824 Datasheet(HTML) 1 Page - Power-One

  XWS4824 Datasheet HTML 1Page - Power-One XWS4824 Datasheet HTML 2Page - Power-One XWS4824 Datasheet HTML 3Page - Power-One XWS4824 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
C48
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
LOAD %
XWS4805
XWS4815
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
LOAD %
XWS2415
TECHNICAL SPECIFICATIONS
Input
DESCRIPTION
FEATURES
Efficiency vs. Load (48V Input)
Efficiency vs. Load (24V Input)
XWS SERIES - 150 WATT
XWS DC/DC converters are high-powered converters
which cover a wide range of industrial and general
applications. Available input voltages include 12V, 24V,
40V, and 48V; output voltages are available from 5V to
24V. The XWS features remote sense leads for accurate
point of load regulation, and has short circuit and
overcurrent protection. For dual and triple output high
power solutions, see the XWD and XWT series of
converters, respectively.
Voltage Range
12 VDC Nominal
10 - 20 VDC
24 VDC Nominal
18 - 36 VDC
40 VDC Nominal (Wide Input)
20 - 60 VDC
48 VDC Nominal
36 - 72 VDC
Input Ripple Current
20% I
in Max.
Reverse Input Current
100% I
in Max.
• High Power Package
• Wide Input Range
• Trim and Enable Pins
• Remote Sense Pins
• 500V Isolation
• Short Circuit Protection
Notes
MTBF predictions may vary slightly from model to model.
††
Industrial temp range available
Specifications typically at 25°C, normal line, and full load, unless otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
General
Turn-On Time
10 ms
Remote Shutdown
TTL And CMOS Compatible, Positive Logic
Switching Frequency
200 kHz
Isolation
Input - Output
500 VDC
Temperature Coefficient
±0.02%/°C
Case Temperature
Operating Range
-25 To +85°C††
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 To 115°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF(Bellcore TR-NWT-000332)
Consult Factory
Safety
Consult Factory
Weight (Approx.)
15.4 oz
Output
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
±0.2% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
±1% V
out
Minimum Output Current
10 % l
out rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% Vo
Settling Time
500
µs
Voltage Trim Range
±10%
Current Limit Threshold Range, % of I
out Rated
110 - 130%
Short Circuit Protection
Continuous
OVP
All Models


Similar Description - XWS4824

ManufacturerPart #DatasheetDescription
logo
Rohm
RF6E045AJ ROHM-RF6E045AJ Datasheet
2Mb / 12P
   High Power Package
RQ5A030AP ROHM-RQ5A030AP Datasheet
2Mb / 12P
   High Power small mold Package
RF4E075AT ROHM-RF4E075AT Datasheet
2Mb / 12P
   High Power small mold Package
RQ5L015SP ROHM-RQ5L015SP Datasheet
2Mb / 12P
   High Power small mold Package
logo
Microsemi Corporation
UPR60E3-TR7 MICROSEMI-UPR60E3-TR7 Datasheet
107Kb / 4P
   High Power Surface Mount Package
logo
P-tec Corporation
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
logo
FutureWafer Tech Co.,Lt...
FESD05HD FUTUREWAFER-FESD05HD Datasheet
767Kb / 4P
   High Power Small Package ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com