Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB-38-70010M Datasheet(PDF) 2 Page - Tyco Electronics

Part # CGB-38-70010M
Description  CG series CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CGB-38-70010M Datasheet(HTML) 2 Page - Tyco Electronics

  CGB-38-70010M Datasheet HTML 1Page - Tyco Electronics CGB-38-70010M Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1221
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Wiring Diagrams – Bottom Views (pins numbered clockwise from keyway)
* If control switch is closed when power is applied, relay will immediately energize. A 50 millisecond minimum switch closure is required. IMPORTANT: a dry circuit switch is recommemded. A
“dry circuit” switch is one rated to reliably switch currents of less than 50mA. Use of a switch rated for other than dry circuit may result in failure of the time delay relay to function properly.
** Note: input polarity for DC operation. For most reliable operation on AC, connect high side to “+” and low side to “–”.
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
+
_
INPUT
(DC POLARITY INDICATED)
Fig.1
8 Pin
+
_
Fig.2
11 Pin
INPUT
(DC POLARITY INDICATED)
EXT.
CONT.
SW*
Outline Dimensions
.60
(15.2)
.56
(14.2)
2.937 MAX.
(74.6)
2.406 MAX.
(61.1)
1.781 MAX.
(45.2)
Delay on Operate Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
0.5 to 5 Min.
CGB-38-70005M
120VAC
1 to 10 Min.
Knob
1
CGB-38-70010M
5 to 50 Min.
CGB-38-70050M
10 to 100 Min.
CGB-38-70100M
24VDC
5 to 50 Min.
Knob
1
CGD-38-30050M
Delay on Release Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
120VAC
1 to 10 Min.
Knob
2
CGB-38-78010M
5 to 50 Min.
CGB-38-78050M
Interval on Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
120VAC
0.5 to 5 Sec.
Knob
1
CGB-38-79005S
1 to 10 Min.
CGB-38-79010M
24VDC
1 to 10 Min.
Knob
1
CGD-38-39010M


Similar Part No. - CGB-38-70010M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
More results

Similar Description - CGB-38-70010M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-4 MACOM-2-1393136-4 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CDB-38-70001 MACOM-CDB-38-70001 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-5 MACOM-2-1393136-5 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-1 MACOM-2-1393136-1 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-9 MACOM-2-1393136-9 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CB-1041B-30 MACOM-CB-1041B-30 Datasheet
50Kb / 2P
   CB series CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com