Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWS4805 Datasheet(PDF) 4 Page - Power-One

Part # XWS4805
Description  High Power Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XWS4805 Datasheet(HTML) 4 Page - Power-One

  XWS4805 Datasheet HTML 1Page - Power-One XWS4805 Datasheet HTML 2Page - Power-One XWS4805 Datasheet HTML 3Page - Power-One XWS4805 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C105
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that
you prefer and add them to the model number. Example ordering options are located below the
options table.
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, LES, QBS,
QES, TES, TQD
TTL “Low” Turns Module ON
TTL “High” Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, QBS, QES
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180”
(4.6mm)
0.110” (2.8mm) Pin Length
8
All Units (Except SMS)
0.150” (3.8mm) Pin Length
9
All Units (Except SMS)
0.24” (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.24” (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Horizontal
Heatsink
2H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Horizontal
Heatsink
3H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and
0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Description - XWS4805

ManufacturerPart #DatasheetDescription
logo
Rohm
RF6E045AJ ROHM-RF6E045AJ Datasheet
2Mb / 12P
   High Power Package
RQ5A030AP ROHM-RQ5A030AP Datasheet
2Mb / 12P
   High Power small mold Package
RF4E075AT ROHM-RF4E075AT Datasheet
2Mb / 12P
   High Power small mold Package
RQ5L015SP ROHM-RQ5L015SP Datasheet
2Mb / 12P
   High Power small mold Package
logo
Microsemi Corporation
UPR60E3-TR7 MICROSEMI-UPR60E3-TR7 Datasheet
107Kb / 4P
   High Power Surface Mount Package
logo
P-tec Corporation
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
logo
FutureWafer Tech Co.,Lt...
FESD05HD FUTUREWAFER-FESD05HD Datasheet
767Kb / 4P
   High Power Small Package ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com