Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWT2405-15 Datasheet(PDF) 3 Page - Power-One

Part # XWT2405-15
Description  High Power Package Trim and Enable Pin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XWT2405-15 Datasheet(HTML) 3 Page - Power-One

  XWT2405-15 Datasheet HTML 1Page - Power-One XWT2405-15 Datasheet HTML 2Page - Power-One XWT2405-15 Datasheet HTML 3Page - Power-One XWT2405-15 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
3
XWT SERIES - TRIPLE, 150 WATT
FRACTION }.030
.XXX }.010
.XX }.040
.X }.030
TOLERANCES:
DIMENSIONS ARE IN INCHES
UNLESS OTHERWISE SPECIFIED
(4.6mm)
(13.2mm)
(6.4mm)
DIA 0.18"
0.52"
0.25"
(1.04mm)
PIN VIEW
(23.4mm)
(88.90mm)
(76.20mm)
(9.53mm)
(139.7mm)
(109.22mm)
5.50"
4.300"
DIA 0.041" 13PLS.
#4-40 THREADED INSERTS 4PLS.
0.92"
3.50"
3.000"
0.375" EA.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
TERMINAL STRIP OPTION
MECHANICAL DRAWING


Similar Description - XWT2405-15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1419 VECTRON-C1419 Datasheet
35Kb / 3P
   Standard 4-Pin DIP Package Enable Function
logo
Artesyn Technologies
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ_15 Datasheet
748Kb / 4P
   Power enable (5-pin model)
logo
TE Connectivity Ltd
408-8548 TEC-408-8548 Datasheet
95Kb / 2P
   Hand Trim and Pointing Tool
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com