Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7680SED Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7680SED
Description  2ch switching regulator IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7680SED Datasheet(HTML) 4 Page - New Japan Radio

  NJU7680SED Datasheet HTML 1Page - New Japan Radio NJU7680SED Datasheet HTML 2Page - New Japan Radio NJU7680SED Datasheet HTML 3Page - New Japan Radio NJU7680SED Datasheet HTML 4Page - New Japan Radio NJU7680SED Datasheet HTML 5Page - New Japan Radio NJU7680SED Datasheet HTML 6Page - New Japan Radio NJU7680SED Datasheet HTML 7Page - New Japan Radio NJU7680SED Datasheet HTML 8Page - New Japan Radio NJU7680SED Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJU7680
- 4 -
Ver.2010-03-31
•Soft Start Feature (Soft Start)
The soft-start is internally set for 4ms typ. To adjust the time, insert resistance or connect capacitor to the DTC pin.
•Max Duty
Max Duty is set 90% for CH1 (Step-up) and 100% for CH2 (Step-down).
Max Duty can be adjusted by connecting the VERG pin to the DTC pin. When not limiting Max Duty, short the DTC pin
to the VREG terminal.
•Short Circuit Protection
The short circuit protection block employs time latch, and protection delay time can be adjusted by a capacitor
connected to SCP pin. The program of timer latch circuit can be reset by restarting the power (supply voltage must be
lower than UVLO sensing voltage), setting IC to standby status, or lowering SCP pin to GND level.
■ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Supply Voltage
V+
+8
V
Output Pin Current
IO
±50
mA
CE1 Pin Voltage
VCE1
+8 (*2)
V
CE2 Pin Voltage
VCE2
+8 (*2)
V
Power Dissipation
PD
SSOP16
PCSP24-ED
: 300
: 475 (*3)
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
(*2): When input voltage is less than 8V, the absolute maximum control voltage is equal to the input voltage.
(*3): Mounted on glass epoxy board based on EIA/JEDEC. (114.3 × 76.2 × 1.6mm: 2Layers)
■RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V+
2.3
7
V
Oscillator Timing Resistor
RT
30
47
120
k
Oscillation Frequency
fOSC
300
700
1,000
kHz


Similar Part No. - NJU7680SED

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600M NJRC-NJU7600M Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600RB1 NJRC-NJU7600RB1 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7601 NJRC-NJU7601 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7602 NJRC-NJU7602 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
More results

Similar Description - NJU7680SED

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9851EFV ROHM-BD9851EFV Datasheet
177Kb / 3P
   2ch switching regulator controller
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
BD9757MWV ROHM-BD9757MWV_10 Datasheet
786Kb / 24P
   Switching Regulator IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Sanken electric
STRS5141G SANKEN-STRS5141G Datasheet
122Kb / 3P
   SWITCHING REGULATOR HYBRID IC
logo
Rohm
BD3775AF ROHM-BD3775AF Datasheet
1Mb / 24P
   2ch Reset & Comparator IC
11-.0SQE1PQ.200G173 0R0e2v0.00-013-
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com