Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSUX1060A4-C-S Datasheet(PDF) 1 Page - Tyco Electronics

Part # CDSUX1060A4-C-S
Description  CDSUX-C Series - Extended Range Buffer Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CDSUX1060A4-C-S Datasheet(HTML) 1 Page - Tyco Electronics

  CDSUX1060A4-C-S Datasheet HTML 1Page - Tyco Electronics CDSUX1060A4-C-S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Corcom Facility EMI Filters Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
16
Catalog: 1654986
Issue Date: 11.2009
www.tycoelectronics.com
www.corcom.com
CDSUX-C Series
CDSUX-C Series - Extended Range Buffer Networks
Features
• Sealed, constructed of 16 gauge cold rolled steel
• All non-conductive surfaces protected with suitable
painting or electroplating
• Removable input cover for terminal access and field
wiring connection
• Threaded conduit fitting with flexible lead on the load
side
• Knockouts provided on the input side
• Discharge bleeder resistor provided to reduce shock
hazard
• Surge protector provided upon request
Electrical Characteristics
Voltage Drop:
Less than 1% @ unity power factor
Overload:
140% of rated current for 15 minutes
Harmonic Distortion:
Less than 2% @ full rated current
Dielectric Withstanding Voltage:
Per MIL-PRF-15733 and UL1283
D.C. Insulation Resistance:
Per MIL-STD-202, Method 302
Terminal Strength:
Per MIL-STD-202, Method 211, Condition E
Temperature Rise:
Per MIL-PRF-15733 and UL1283
R.F. Radiation:
100 dB minimum shielding effectiveness
Insertion Loss:
100 dB from 14 kHz - 10 GHz per MIL-STD-220A, under
load condition, using extended range buffer networks
over the frequency range of 14 kHZ - 20 MHz
Applicable Publications:
MIL-PRF-15733 — Filters, radio interference
MIL-STD-202 — Test methods for Components
MIL-STD-220A — Test method of Insertion Loss
MIL-STD-285 — Test method for Shielding Effectiveness
NFPA 70-1987 — National Electric Code
486A - 1983 — Wire Connectors and Lug
UL1283 — Underwriter Laboratories
6P16 †
How to Order:
† 60 Hz Models Only
CDSUX 2 030 A6 - C - S
Voltage/Frequency
A6 - 120/208V, 60Hz
B6 - 277/480V, 60Hz
A4 - 120/208V, 400Hz
Surge Arrestors (optional)
Conduit Fitting (supplied)
Current Rating
# of Filters
Series
Examples: CDSUX2030A6-C-S, CDSUX1010B6-C
1
2
Note 1:
Surge Arrestor for A6/A4* Models: V251BA60
Surge Arrestor for B6 Models: V481BA60
Note 2:
Current configuration listed as 3 digits with leading zeros


Similar Part No. - CDSUX1060A4-C-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUX-C MACOM-CDSUX-C Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
More results

Similar Description - CDSUX1060A4-C-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDEUL MACOM-CDEUL Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
CDEUL MACOM-CDEUL_11 Datasheet
353Kb / 2P
   CDEUL Series - Extended Range Buffer Networks (Inductive Input)
TECUL MACOM-TECUL Datasheet
381Kb / 2P
   TECUL Series - Extended Range Buffer Networks (Inductive Input)
CDEUX MACOM-CDEUX Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX MACOM-CDEUX_11 Datasheet
352Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
   Extended temperature range
logo
Tadiran Batteries GmbH
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
   Extended temperature range
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
   Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
   Extended temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com