Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSUX1010A4-C-S Datasheet(PDF) 2 Page - Tyco Electronics

Part # CDSUX1010A4-C-S
Description  CDSUX-C Series - Extended Range Buffer Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CDSUX1010A4-C-S Datasheet(HTML) 2 Page - Tyco Electronics

  CDSUX1010A4-C-S Datasheet HTML 1Page - Tyco Electronics CDSUX1010A4-C-S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 11.2009
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
www.tycoelectronics.com
www.corcom.com
CDSUX-C Series - Extended Range Buffer Networks (continued)
2
CDSUX
Current
Dimensions
Wire Gauge
Approx. Weight
(Amps)
A ±.063 [1.6]B ±.063 [1.6] C ±.063 [1.6]
D
E
F
(AWG/mm2)
(Pounds/KG)
1010**-C
10
21.0
4.0
5.0
5.0
3.0
.31 x .50
10
15
533.4
101.6
127.0
127.0
76.2
7.87 x 12.7
5.26
6.80
2010**-C
2 x 10
21.0
8.0
5.0
5.0
5.5
.43 x .75
10
30
533.4
203.2
127.0
127.0
139.7
10.9 x 19.1
5.26
13.6
1030**-C
30
26.0
6.0
6.0
5.0
4.0
.31 x .50
6
30
660.4
152.4
152.4
127.0
101.6
7.87 x 12.7
13.20
13.6
2030**-C
2 x 30
26.0
12.0
6.0
5.0
9.0
.43 x .75
6
60
660.4
304.8
152.4
127.0
228.6
10.9 x 19.1
13.20
27.2
1060**-C
60
32.0
8.0
6.0
6.0
5.5
.43 x .75
6
60
812.8
203.2
152.4
152.4
139.7
10.9 x 19.1
13.20
27.2
1100**-C
100
34.0
8.0
6.0
8.0
5.5
.43 X .75
2
70
863.6
203.2
152.4
203.2
139.7
10.9 x 19.1
33.6
31.8
1150**-C
150
41.0
10.0
6.0
9.0
9.0
.43 X .75
0
90
1041.4
254.0
152.4
228.6
228.6
10.9 x 19.1
53.5
40.8
1225**-C
225
41.0
10.0
6.0
9.0
9.0
.43 X .75
250 MCM
120
1041.4
254.0
152.4
228.6
228.6
10.9 x 19.1
126.0
54.4
14.0 ± 1.0
355.6 ± 25.4
2.0
50.8
C
A
1/2 D
D
E
B
Knockouts for
0.75 (19.05) & 1.0 (25.4)
Conduit
3 Places
Ground Stud
& Lug
Insulated wire
Type THHN
Label
F
1.0 (25.4) NPT Supplied
with RF Gasket,
Flange Nut and
Insulating Bushing
Max. Operating Voltage
A6:
120/208V, 60 Hz
B6:
277/480V, 60 Hz
A4*:
120/208V, 400 Hz
*400Hz filters available upon request. Will require external power factor correction coil.
Please contact Tyco Electronics Application Engineering 847-573-6517.


Similar Part No. - CDSUX1010A4-C-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUX-C MACOM-CDSUX-C Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
More results

Similar Description - CDSUX1010A4-C-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDSUX-C MACOM-CDSUX-C_11 Datasheet
289Kb / 2P
   CDSUX-C Series - Extended Range Buffer Networks
CDEUL MACOM-CDEUL Datasheet
274Kb / 2P
   Extended Range Buffer Networks (Inductive Input)
CDEUL MACOM-CDEUL_11 Datasheet
353Kb / 2P
   CDEUL Series - Extended Range Buffer Networks (Inductive Input)
TECUL MACOM-TECUL Datasheet
381Kb / 2P
   TECUL Series - Extended Range Buffer Networks (Inductive Input)
CDEUX MACOM-CDEUX Datasheet
274Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
CDEUX MACOM-CDEUX_11 Datasheet
352Kb / 2P
   CDEUX Series - Extended Range Buffer Networks (Capacitive Input)
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
   Extended temperature range
logo
Tadiran Batteries GmbH
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
   Extended temperature range
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
   Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
   Extended temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com