Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM8202E Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM8202E
Description  Single Supply, Rail-to-Rail Output Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8202E Datasheet(HTML) 4 Page - New Japan Radio

  NJM8202E Datasheet HTML 1Page - New Japan Radio NJM8202E Datasheet HTML 2Page - New Japan Radio NJM8202E Datasheet HTML 3Page - New Japan Radio NJM8202E Datasheet HTML 4Page - New Japan Radio NJM8202E Datasheet HTML 5Page - New Japan Radio NJM8202E Datasheet HTML 6Page - New Japan Radio NJM8202E Datasheet HTML 7Page - New Japan Radio NJM8202E Datasheet HTML 8Page - New Japan Radio NJM8202E Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NJM8202
■ TYPICAL CHARACTERISTICS
Supply Current vs. Supply Voltage
(Temperature)
GV=0dB
0
1
2
3
4
5
6
7
01
234
56
78
Supply Voltage V
+/V-[V]
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Input Offset Voltage
vs. Common Mode Input Voltage
(Temperature)
V
+/V-=±1.25V
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-1.5
-1
-0.5
0
0.5
1
1.5
Common Mode Input Voltage[V]
Ta=-40ºC
Ta=25ºC
Ta=85ºC
Input Offset Voltage vs. Temperature (Supply Voltage)
VCM=0V
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
125
Ambient Temperature[ºC]
V
+/V-=±2.5V
V
+/V-=±7.0V
V
+/V-=±1.25V
Supply Current vs. Temperature
(Supply Voltage)
GV=0dB
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
Ambient Temperature[ºC]
V
+/V-=±2.5V
V
+/V-=±7.0V
V
+/V-=±1.25V
Input Offset Voltage vs. Supply Voltage (Temperature)
VCM=0V
-1
-0.5
0
0.5
1
1.5
2
2.5
3
012345
678
Supply Voltage V
+/V-[V]
Ta=-40ºC
Ta=25ºC
Ta=85ºC
Input Offset Voltage
vs. Common Mode Input Voltage
(Temperature)
V
+/V-=±2.5V
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-2.8
-1.8
-0.8
0.2
1.2
2.2
Common Mode Input Voltage[V]
Ta=-40ºC
Ta=25ºC
Ta=85ºC
- 4 -
Ver.2010-03-25


Similar Part No. - NJM8202E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
NJM8204V NJRC-NJM8204V Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
More results

Similar Description - NJM8202E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Texas Instruments
LMC6442 TI1-LMC6442 Datasheet
1Mb / 24P
[Old version datasheet]   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
   Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
   LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com