Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2D-34Y6 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XW2D-34Y6
Description  Slim Connector-Terminal Block Conversion Units
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2D-34Y6 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XW2D-34Y6 Datasheet HTML 1Page - Omron Electronics LLC XW2D-34Y6 Datasheet HTML 2Page - Omron Electronics LLC XW2D-34Y6 Datasheet HTML 3Page - Omron Electronics LLC XW2D-34Y6 Datasheet HTML 4Page - Omron Electronics LLC XW2D-34Y6 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XW2D
2
Dimensions
(Unit: mm)
A
DIN Track lock
B
6 40
(4.5)
7
39
(39.1)
17.6
Two, 4.5 dia.
XG4A MIL Connector
7
7
M3
5.8
1.2
24
6
46
48
50
A23
A24
A25
B23
B24
B25
45
47
49
13
5
A1 A2 A3
B1 B2 B3
Mounted Connector
Terminal Block
Triangular mark
XW2D-
@@G6
Mounted Connector: XG4A MIL Connector
Wiring Diagram
(Example for Terminal Block with 50 Poles)
Note: There is only one DIN Track lock located in the center of the terminal block for a 20-pole Unit.
Note: For all models, the odd-numbered pins on the Connec-
tor correspond to row A on the terminal block and the
even-numbered pins on the Connector correspond to
row B on the terminal block.
135
7
9
11 13
15
17
19
21 23
25
27
29
31
33
35
37
39
246
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
Terminal Block
Connector (XG4A-4031)
Connector
pin No.
Terminal No.
Triangular
mark
135
7
9
11 13
15
17
19
21
23
25 27
29
31
33
35
37
39
246
8
10 12
14
16
18
20
22
24
26 28
30 32
34
36
38
40
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
Terminal Block
Connector (XG4A-4031)
Connector
pin No.
Terminal No.
Triangular
mark
XW2D-40G6-RF
XW2D-40G6-RM
Note: The dimensions shown here are the same as the XW2D-40G6.
Note: The dimensions shown here are the same as the XW2D-40G6.
17.6
39
(21.1)
B
6 40
(4.5)
7
A
Two,4.5 dia.
XG4C MIL Connector
DIN Track lock
7
1.2
7
5.8
M3
24
6
46
48
50
A23 A24 A25
B23 B24 B25
45
47
49
13
5
A1 A2 A3
B1 B2 B3
Mounted Connector
Terminal Block
Triangular
mark
XW2D-
@@C6
Mounted Connector: XG4C MIL Connector
Wiring Diagram
(Example for Terminal Block with 50 Poles)
Note: There is only one DIN Track lock located in the center of the terminal block for a 20-pole Unit.
Note: For all models, the odd-numbered pins on the Connec-
tor correspond to row A on the terminal block and the
even-numbered pins on the Connector correspond to
row B on the terminal block.


Similar Part No. - XW2D-34Y6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2D-34G6 OMRON-XW2D-34G6 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - XW2D-34Y6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z OMRON-XW2Z Datasheet
1Mb / 11P
   Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
logo
M-System Co.,Ltd.
CNT MSYSTEM-CNT Datasheet
113Kb / 2P
   CONNECTOR TERMINAL BLOCK
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
FCI connector
20020109 FCI-CONNECTOR-20020109 Datasheet
230Kb / 3P
   TERMINAL BLOCK
logo
Adam Technologies, Inc.
EBYD-XX-J-GY ADAM-TECH-EBYD-XX-J-GY Datasheet
76Kb / 1P
   TERMINAL BLOCK
EB110-XX-C ADAM-TECH-EB110-XX-C Datasheet
64Kb / 1P
   TERMINAL BLOCK
EB111-XX-C ADAM-TECH-EB111-XX-C Datasheet
109Kb / 1P
   TERMINAL BLOCK
EB115-XX-U ADAM-TECH-EB115-XX-U Datasheet
77Kb / 1P
   TERMINAL BLOCK
EB49-XX-B ADAM-TECH-EB49-XX-B Datasheet
73Kb / 1P
   TERMINAL BLOCK
EB50-A-XX-B ADAM-TECH-EB50-A-XX-B Datasheet
73Kb / 1P
   TERMINAL BLOCK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com