Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD10UAY Datasheet(PDF) 2 Page - Power-One

Part # SLD10UAY
Description  SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

SLD10UAY Datasheet(HTML) 2 Page - Power-One

  SLD10UAY Datasheet HTML 1Page - Power-One SLD10UAY Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
SLD10 Series – 10A Non-Isolated DC/DC Converter
5V, 3.3V Input
Dual Output
REV. 07/01
Page 2 of 2
www.power-one.com
Mechanical Drawing – Dimensions shown in inches (millimeters)
Pin
Function
1Vin
2GND
3GND
4Trim2
5
Vout2
6
Vout1
7Trim1
8GND
9GND
10
ON/OFF
11
Vin
Ordering Information
Options
Suffixes to add to part number
Straight (top drawing) - Standard, no suffix required
Pin Configuration
Right Angle (bottom drawing) - Add “R” suffix
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.
Tolerances:
.xx =
± 0.020” (0.5mm)
.xxx =
± 0.010” (0.25mm)


Similar Part No. - SLD10UAY

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
3Mb / 146P
   TVS Diode Products
SLD10U-017-B LITTELFUSE-SLD10U-017-B Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10U-017 LITTELFUSE-SLD10U-017_09 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
More results

Similar Description - SLD10UAY

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
logo
Power-One
PHD32UDD POWER-ONE-PHD32UDD Datasheet
53Kb / 2P
   PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UDD POWER-ONE-PLD08UDD Datasheet
88Kb / 2P
   PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com